Electronic Components Datasheet Search
  English  ▼

X  

LTM9002 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM9002
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology LTM9002 Datasheet HTML 10Page - Linear Technology LTM9002 Datasheet HTML 11Page - Linear Technology LTM9002 Datasheet HTML 12Page - Linear Technology LTM9002 Datasheet HTML 13Page - Linear Technology LTM9002 Datasheet HTML 14Page - Linear Technology LTM9002 Datasheet HTML 15Page - Linear Technology LTM9002 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LTC2157-14/
LTC2156-14/LTC2155-14
12
21576514fa
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2155-14: SNR vs Input Level,
fIN = 70MHz, 170Msps
LTC2155-14: SFDR vs Input Level,
fIN = 70MHz, 170Msps
LTC2155-14: IVDD vs Sample Rate,
15MHz Sine Wave Input, –1dBFS
LTC2155-14: Frequency Response
LTC2155-14: IOVDD vs Sample Rate,
15MHz Sine Wave Input, –1dBFS
AMPLITUDE (dBFS)
0
10
30
40
50
70
–50
–30
–20
20
60
–60
–40
–10
0
21576514 G48
dBc
dBFS
AMPLITUDE (dBFS)
0
20
60
80
100
–50
–30 –20
40
120
–70 –60
–80
–40
–10
0
21576514 G49
dBc
dBFS
170
180
190
200
210
220
250
240
230
SAMPLE RATE (Msps)
0
20
60
100
140
180
40
80
120
160
21576514 G50
SAMPLE RATE (Msps)
0
30
40
50
60
70
80
20
60
100
140
180
40
80
120
160
21576514 G51
LVDS CURRENT
3.5mA
LVDS CURRENT
1.75mA
1000
100
INPUT FREQUENCY (MHz)
–4.0
–1.5
–1.0
–0.5
–5.0
–2.5
–4.5
–2.0
–5.5
–6.0
–3.0
–3.5
21576514 G52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com