Electronic Components Datasheet Search
  English  ▼

X  

LTM9002 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM9002
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 11Page - Linear Technology LTM9002 Datasheet HTML 12Page - Linear Technology LTM9002 Datasheet HTML 13Page - Linear Technology LTM9002 Datasheet HTML 14Page - Linear Technology LTM9002 Datasheet HTML 15Page - Linear Technology LTM9002 Datasheet HTML 16Page - Linear Technology LTM9002 Datasheet HTML 17Page - Linear Technology LTM9002 Datasheet HTML 18Page - Linear Technology LTM9002 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
15
21576514fa
LTC2157-14/
LTC2156-14/LTC2155-14
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
S/H
VCM
BUFFER
BUFFER
BUFFER
GND
VCM
0.1μF
CORRECTION
LOGIC
OUTPUT
DRIVERS
14-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE CONTROL
1.25V
REFERENCE
RANGE
SELECT
CLOCK
ANALOG
INPUT
21576514 F01
DDR
LVDS
DDR
LVDS
VDD
OVDD
OVDD
OGND
OGND
CS
CHANNEL A
CHANNEL B
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
SPI
14-BIT
PIPELINED
ADC CORE
ANALOG
INPUT
VREF
2.2μF
GND
SENSE
SCK
SDI
PAR/SER
DA12_13
DA0_1
DB12_13
DB0_1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com