Electronic Components Datasheet Search
  English  ▼

X  

LTM9002 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM9002
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 16Page - Linear Technology LTM9002 Datasheet HTML 17Page - Linear Technology LTM9002 Datasheet HTML 18Page - Linear Technology LTM9002 Datasheet HTML 19Page - Linear Technology LTM9002 Datasheet HTML 20Page - Linear Technology LTM9002 Datasheet HTML 21Page - Linear Technology LTM9002 Datasheet HTML 22Page - Linear Technology LTM9002 Datasheet HTML 23Page - Linear Technology LTM9002 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTC2157-14/
LTC2156-14/LTC2155-14
20
21576514fa
APPLICATIONS INFORMATION
Clock Duty Cycle Stabilizer
For good performance the encode signal should have a
50% (±5%) duty cycle. If the optional clock duty cycle
stabilizer circuit is enabled, the encode duty cycle can
vary from 30% to 70% and the duty cycle stabilizer will
maintain a constant 50% internal duty cycle. The duty cycle
stabilizer is enabled via SPI Register A2 (see Table 3) or
by CS in parallel programming mode.
For applications where the sample rate needs to be changed
quickly, the clock duty cycle stabilizer can be disabled. In
this cases care should be taken to make the clock a 50%
(± 5%) duty cycle.
DIGITAL OUTPUTS
The digital outputs are double data rate LVDS signals. Two
data bits are multiplexed and output on each differential
Figure 9. Sinusoidal Encode Drive
output pair. There are seven LVDS output pairs for chan-
nel A (DA0_1+/DA0_1– through DA12_13–/DA12_13+)
and seven pairs for channel B (DB0_1+/DB0_1– through
DB12_13–/DB12_13+). Overflow (OF+/OF–) and the data
output clock (CLKOUT+/CLKOUT–) each have an LVDS
output pair. Note that overflow for both channels is mul-
tiplexed onto the OF+/OF– output pair.
By default the outputs are standard LVDS levels: 3.5mA
output current and a 1.25V output common mode voltage.
Anexternal100Ωdifferentialterminationresistorisrequired
for each LVDS output pair. The termination resistors should
be located as close as possible to the LVDS receiver.
The outputs are powered by OVDD and OGND which are
isolated from the A/D core power and ground.
LTC2157-14
VDD
21576514 F09
1.2V
10k
50Ω
100Ω
50Ω
0.1μF
0.1μF
T1: MACOM
ETC1-1-13
Figure 10. PECL or LVDS Encode Drive
VDD
LTC2157-14
PECL OR
LVDS INPUT
21576514 F10
1.2V
10k
100Ω
0.1μF
0.1μF
ENC+
ENC–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com