Electronic Components Datasheet Search
  English  ▼

X  

LTM9002 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM9002
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 21Page - Linear Technology LTM9002 Datasheet HTML 22Page - Linear Technology LTM9002 Datasheet HTML 23Page - Linear Technology LTM9002 Datasheet HTML 24Page - Linear Technology LTM9002 Datasheet HTML 25Page - Linear Technology LTM9002 Datasheet HTML 26Page - Linear Technology LTM9002 Datasheet HTML 27Page - Linear Technology LTM9002 Datasheet HTML 28Page - Linear Technology LTM9002 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
25
21576514fa
LTC2157-14/
LTC2156-14/LTC2155-14
APPLICATIONS INFORMATION
Table 3. Serial Programming Mode Register Map (PAR/SER = GND). X Indicates Unused Bit
REGISTER A0: RESET REGISTER (ADDRESS 00h) Write Only
D7
D6
D5
D4
D3
D2
D1
D0
RESET
XXXXXX
X
Bit 7
RESET
Software Reset Bit
0 = Reset Disabled
1 = Software Reset. All mode control registers are reset to 00h. This bit is automatically set back to zero after the reset is complete.
Bits 6-0
Unused Bits
REGISTER A1: POWER-DOWN REGISTER (ADDRESS 01h)
D7
D6
D5
D4
D3
D2
D1
D0
XXXX
SLEEP
NAP
PDB
0
Bits 7-4
Unused, this bit read back as 0
Bit 3
SLEEP
0 = Normal Operation
1 = Power Down Entire ADC
Bit 2
NAP
0 = Normal Mode
1 = Low Power Mode for Both Channels
Bit 1
PDB
0 = Normal Operation
1 = Power Down Channel B. Channel A operates normally.
Bit 0
Must be set to 0
REGISTER A2: TIMING REGISTER (ADDRESS 02h)
D7
D6
D5
D4
D3
D2
D1
D0
XXXX
CLKINV
CLKPHASE1
CLKPHASE0
DCS
Bits 7-4
Unused, This Bit Read Back as 0
Bit 3
CLKINV
Output Clock Invert Bit
0 = Normal CLKOUT Polarity (as shown in the Timing Diagrams)
1 = Inverted CLKOUT Polarity
Bits 2-1
CLKPHASE1:CLKPHASE0
Output Clock Phase Delay Bits
00 = No CLKOUT Delay (as shown in the Timing Diagrams)
01 = CLKOUT+/CLKOUT– delayed by 45° (Clock Period • 1/8)
10 = CLKOUT+/CLKOUT– delayed by 90° (Clock Period • 1/4)
11 = CLKOUT+/CLKOUT– delayed by 135° (Clock Period • 3/8)
Note: If the CLKOUT phase delay feature is used, the clock duty cycle stabilizer must also be turned on.
Bit 0
DCS
Clock Duty Cycle Stabilizer Bit
0 = Clock Duty Cycle Stabilizer Off
1 = Clock Duty Cycle Stabilizer On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com