Electronic Components Datasheet Search
  English  ▼

X  

LTC4099 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC4099
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC4099 Datasheet HTML 31Page - Linear Technology LTC4099 Datasheet HTML 32Page - Linear Technology LTC4099 Datasheet HTML 33Page - Linear Technology LTC4099 Datasheet HTML 34Page - Linear Technology LTC4099 Datasheet HTML 35Page - Linear Technology LTC4099 Datasheet HTML 36Page - Linear Technology LTC4099 Datasheet HTML 37Page - Linear Technology LTC4099 Datasheet HTML 38Page - Linear Technology LTC4099 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
LTC4155
35
4155fc
Table 5. Input Undervoltage Current Limit Control
INPUT UNDERVOLTAGE CURRENT LIMIT CONTROL
REG0
SUB ADDRESS
0x00
DISABLE_INPUT_UVCL
DIRECTION
Write and Readback
DISABLE_INPUT_
UVCL
D7
D6
D5
D4
D3
D2
D1
D0
Enabled*
0
Disabled
1
*Default setting
Table 6. Overtemperature Battery Conditioner
OVERTEMPERATURE BATTERY CONDITIONER
REG0
SUB ADDRESS
0x00
EN_BAT_CONDITIONER
DIRECTION
Write and Readback
EN_CONDITIONER
D7
D6
D5
D4
D3
D2
D1
D0
Disabled*
0
Enabled Above
60°C
1
*Default setting
Table 7. USB On-The-Go ID Pin Autonomous Start-Up
USB On-The-Go ID PIN AUTONOMOUS START-UP
REG0
SUB ADDRESS
0x00
LOCKOUT_ID_PIN
DIRECTION
Write and Readback
LOCKOUT_ID_PIN
D7
D6
D5
D4
D3
D2
D1
D0
Autonomous
Start-Up Allowed*
0
Autonomous
Start-Up Disabled
1
*Default setting
Table 8. Input Current Limit Settings
INPUT CURRENT LIMIT SETTINGS
REG0, REG1
SUB ADDRESS
0x00
USB Input Current Limit USBILIM[4.0]
SUB ADDRESS
0x01
Wall Input Current Limit WALLILIM[4:0]
DIRECTION
Write and Readback
WALLILIM
USBILIM
D7
D6
D5
D4
D3
D2
D1
D0
100mA Max
(USB Low Power)*
00000
500mA Max
(USB High Power)
00001
600mA Max
0
0
0
1
0
700mA Max
0
0
0
1
1
800mA Max
0
0
1
0
0
900mA Max
(USB 3.0)
00101
1000mA Typical
0
0
1
1
0
1250mA Typical
0
0
1
1
1
1500mA Typical
0
1
0
0
0
1750mA Typical
0
1
0
0
1
2000mA Typical
0
1
0
1
0
2250mA Typical
0
1
0
1
1
2500mA Typical
0
1
1
0
0
2750mA Typical
0
1
1
0
1
3000mA Typical
0
1
1
1
0
2.5mA Max
(USB Suspend)
01111
SELECT
CLPROG1**
11111
*Default setting CLPROG1 and CLPROG2 shorted. Refer to the Input
Current Regulation section for information when this register is
modified by the LTC4155.
**Default setting two CLPROG resistors. Refer to the Input Current
Regulation section for information when this register is modified by
the LTC4155.
Table 9. Input Connector Priority Swap
INPUT CONNECTOR PRIORITY SWAP
REG1
SUB ADDRESS
0x01
PRIORITY
DIRECTION
Write and Readback
PRIORITY
D7
D6
D5
D4
D3
D2
D1
D0
Wall Input
Prioritized*
0
USB Input
Prioritized
1
*Default setting
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com