Electronic Components Datasheet Search
  English  ▼

X  

LTC4099 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC4099
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC4099 Datasheet HTML 32Page - Linear Technology LTC4099 Datasheet HTML 33Page - Linear Technology LTC4099 Datasheet HTML 34Page - Linear Technology LTC4099 Datasheet HTML 35Page - Linear Technology LTC4099 Datasheet HTML 36Page - Linear Technology LTC4099 Datasheet HTML 37Page - Linear Technology LTC4099 Datasheet HTML 38Page - Linear Technology LTC4099 Datasheet HTML 39Page - Linear Technology LTC4099 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
LTC4155
36
4155fc
Table 10. Battery Charger Safety Timer
BATTERY CHARGER SAFETY TIMER
REG1
SUB ADDRESS
0x01
TIMER[1:0]
DIRECTION
Write and Readback
TIMER[1:0]
D7
D6
D5
D4
D3
D2
D1
D0
4 Hr*
0
0
8 Hr or C/x
Indication
01
1 Hr
1
0
2 Hr
1
1
*Default setting.
Table 11. Battery Charger Current Limit
BATTERY CHARGER CURRENT LIMIT
REG2
SUB ADDRESS
0x02
ICHARGE[3.0]
DIRECTION
Write and Readback
FULL-SCALE
CURRENT
(%)
VPROG
SERVO
(V)
D7
D6
D5
D4
D3
D2
D1
D0
Charger
Disabled
0.000
0
0
0
0
12.50
0.150
0
0
0
1
18.75
0.225
0
0
1
0
25.00
0.300
0
0
1
1
31.25
0.375
0
1
0
0
37.50
0.450
0
1
0
1
43.75
0.525
0
1
1
0
50.00
0.600
0
1
1
1
56.25
0.675
1
0
0
0
62.50
0.750
1
0
0
1
68.75
0.825
1
0
1
0
75.00
0.900
1
0
1
1
81.25
0.975
1
1
0
0
87.50
1.050
1
1
0
1
93.75
1.125
1
1
1
0
100.00*
1.200*
1
1
1
1
*Default setting.
Table 12. Battery Charger Float Voltage
Battery Charger Float Voltage
REG2
SUB ADDRESS
0x02
VFLOAT[1:0]
DIRECTION
Write and Readback
BATTERY
VOLTAGE (V)
D7D6D5D4D3D2D1D0
4.05*
0
0
4.10
0
1
4.15
1
0
4.20
1
1
*Default setting.
Table 13. Full Capacity Charge Indication Threshold
FULL CAPACITY CHARGE INDICATION THRESHOLD
REG2
SUB ADDRESS
0x02
CXSET[1:0]
DIRECTION
Write and Readback
FULL-SCALE
CURRENT
(%)
VPROG
THRESHOLD
(V)
D7
D6
D5
D4
D3
D2
D1
D0
10*
0.120*
0
0
20
0.240
0
1
2
0.024
1
0
5
0.060
1
1
*Default setting.
Table 14. Battery Charger Status Report
BATTERY CHARGER STATUS REPORT
REG3
SUB ADDRESS
0x03
CHARGER_STATUS[2:0]
DIRECTION
Read
BATTERY CHARGER
STATUS
D7
D6
D5
D4
D3
D2
D1
D0
Charger Off
0
0
0
Low Battery Voltage
0
0
1
Constant Current
0
1
0
Constant Voltage,
VPROG>VC/X
01
1
Constant Voltage,
VPROG<VC/X
10
0
NTC TOO WARM,
Charging Paused
10
1
NTC TOO COLD,
Charging Paused
11
0
NTC HOT FAULT,
Charging Paused
11
1
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com