Electronic Components Datasheet Search
  English  ▼

X  

LTC4099 Datasheet(PDF) 52 Page - Linear Technology

Part # LTC4099
Description  Dual-Input Power Manager
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099 Datasheet(HTML) 52 Page - Linear Technology

Back Button LTC4099 Datasheet HTML 44Page - Linear Technology LTC4099 Datasheet HTML 45Page - Linear Technology LTC4099 Datasheet HTML 46Page - Linear Technology LTC4099 Datasheet HTML 47Page - Linear Technology LTC4099 Datasheet HTML 48Page - Linear Technology LTC4099 Datasheet HTML 49Page - Linear Technology LTC4099 Datasheet HTML 50Page - Linear Technology LTC4099 Datasheet HTML 51Page - Linear Technology LTC4099 Datasheet HTML 52Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
LTC4155
52
4155fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2011
LT 0512 REV C • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
Dual-Input Overvoltage Protection with 1.21A Default Input Current Limit and Output Voltage Disconnect
7
R1
3.6k
11
8
4
3 1, 2, 28
3
10
5
6
29
12
18
4155 TA06
15
14
R5
340Ω
C2
0.047μF
C1
0.01μF
9
23, 24, 25
R2 3.6k
MN1B
MN2B
C4 10μF
MN1A
MN2A
R3
1k
R4
1.21k
R6
100k
C3
22μF
TO
SYSTEM
LOAD
TO μC
TO μC
WALLSNS
SW
WALLGT
VBUS
USBGT
USBSNS
CLPROG1 CLPROG2
GND
PROG
VC
ID
NTCBIAS
16
17
MP2
BATSNS
BATGATE
19, 20
26, 27
L1
1μH
VOUTSNS
13
VOUT
21, 22
CHGSNS
LTC4155
I2C
IRQ
OVGCAP
NTC
MP1
L1: COILCRAFT XFL4020-102ME
MN1, MN2: FAIRCHILD FDMC8030
MP1, MP2: VISHAY, Si5481DU-T1-GE3
3.52A
LIMIT
PART NUMBER
DESCRIPTION
COMMENTS
LTC4156
Dual-Input Power Manager/3.5A LiFePO4 Battery
Charger with I2C Control and USB OTG
High Efficiency Charger Capable of 3.5A Charge Current, Monolithic
Switching Regulator Makes Optimal Use of Limited Power and Thermal
Budget, Dual Input Overvoltage Protection Controller, Priority Multiplexing
for Multiple Inputs, I2C/SMBus Control and Status Feedback, NTC
Thermistor ADC for Temperature Dependent Charge Algorithms (JEITA),
Instant-On Operation with Low Battery, Battery Ideal Diode Controller for
Poser Management, USB On-The-Go Delivery to the USB Port, Full Featured
LifePO4 Battery Charger with Four Float Voltage Settings, 28-Lead 4mm ×
5mm QFN Package
LTC4088
High Efficiency USB Power Manager and Battery
Charger
Maximizes Available Power from USB Port, Bat-Track™, Instant-On
Operation, 1.5A Max Charge Current, 3mm × 4mm DFN-14 Package
LTC4089/LTC4089-1
LTC4089-5
High Voltage USB Power Manager with Ideal
Diode Controller and High Efficiency Li-Ion Battery
Charger
High Efficiency 1.2A Charger from 6V to 36V (40V Max) Input;
Bat-Track Adaptive Output Control (LTC4089); Fixed 5V Output
(LTC4089-5/LTC4089-1); LTC4089-1 for 4.1V Float Voltage Batteries,
3mm × 6mm DFN-22 Package;
LTC4090/LTC4090-5
High Voltage USB Power Manager with Ideal
Diode Controller and High Efficiency Li-Ion Battery
Charger
High Efficiency 1.2A Charger from 6V to 38V (60V Max) Input Bat-Track
Adaptive Output Control; LTC4090-5 Has No Bat-Track. 3mm × 6mm
DFN-22 Package
LTC4098/LTC4098-1
USB-Compatible Switchmode Power Manager
with OVP
66V OVP. 1.5A Max Charge Current from Wall, 600mA Charge Current from
USB, LTC4098-1 Has 4.1V VFLOAT, 3mm × 4mm QFN-20 Package
LTC4099
I2C Controlled USB Switchmode Power Manager
with OVP
66V OVP. I2C for Control and Status Readback, 1.5A Max Charge Current
from Wall, 600mA Charge Current from USB, 3mm × 4mm QFN-20 Package
LTC4160/LTC4160-1
Switchmode Power Manager with OVP and
USB-OTG
USB-OTG 5V Output, Overvoltage Protection, Maximizes Available Power
from USB Port, Bat-Track, Instant-On Operation, 1.5A Max Charge Current
from Wall, 600mA Charge Current from USB, 3mm × 4mm QFN-20 Package
LTC4098-3.6
USB-Compatible Switchmode LiFePO4 Power
Manager with OVP
3.6V VFLOAT for LiFePO4 Cells; 66V OVP. 1.5A Max Charge Current from
Wall, 600mA Charge Current from USB, 3mm × 4mm QFN-20 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com