Electronic Components Datasheet Search
  English  ▼

X  

HS7541A Datasheet(PDF) 1 Page - Sipex Corporation

Part # HS7541A
Description  12-Bit CMOS Multiplying DAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7541A Datasheet(HTML) 1 Page - Sipex Corporation

  HS7541A Datasheet HTML 1Page - Sipex Corporation HS7541A Datasheet HTML 2Page - Sipex Corporation HS7541A Datasheet HTML 3Page - Sipex Corporation HS7541A Datasheet HTML 4Page - Sipex Corporation HS7541A Datasheet HTML 5Page - Sipex Corporation HS7541A Datasheet HTML 6Page - Sipex Corporation HS7541A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HS7541A
12-Bit CMOS Multiplying DAC
© Copyright 2000 Sipex Corporation
1
DESCRIPTION…
The HS7541A is a low–cost, high stability monolithic 12–bit CMOS 4–quadrant multiplying DAC.
It is constructed using a proprietary low–TCR thin–film process that requires no laser–trimming
to achieve 12–bit performance. The HS7541A is a superior pin–compatible replacement for the
industry standard 7541 and AD7541A. It is available in both commercial and industrial
temperature ranges. It operates with +5V to +15V power supply voltages. It is available in 18–
pin plastic DIP and SOIC, and 20–pin PLCC packages.
s
±0.5 LSB DNL and INL
s High Stability, Segmented Architecture
(3 MSB’s)
s Proprietary, Low TCR Thin–Film
Resistor Technology
s Low Sensitivity to Output Amplifier
Offset
s 2KV ESD Protection on All Digital
Inputs
s Operates With +5V to +15V Power
Supplies
s AD7541/7541A Replacement
s Low Cost
D11 (MSB) [4]
D10 [5]
D9 [6]
D8 [7]
D7 [8]
D6 [9]
D5 [10]
D4 [11]
D3 [12]
D2 [13]
D1 [14]
D0 (LSB) [15]
RFB [18]
VDD [16] GND [3]
VREF [17]
20K
Ω
10K
Ω
20K
Ω
10K
Ω
20K
Ω
10K
Ω
20K
Ω
10K
Ω
20K
Ω
10K
Ω
20K
Ω
10K
Ω
20K
Ω
10K
Ω
20K
Ω
10K
Ω
20K
Ω
10K
Ω
20K
Ω
10K
Ω
20K
Ω
10K
Ω
20K
Ω
20K
Ω
IO2 [2]
IO1 [1]
10K
Ω
®
HS7541A
12–Bit CMOS Multiplying DAC


Similar Part No. - HS7541A

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HS75 OHMITE-HS75 Datasheet
352Kb / 2P
Wound to maximise High Pulse Capability
HS75 OHMITE-HS75 Datasheet
352Kb / 2P
HS Aluminium Housed Resistors
logo
Arcol UK Ltd
HS75 ARCOL-HS75 Datasheet
348Kb / 2P
HS Aluminium Housed Resistors
12/14.08
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
Double-Buffered 12-Bit Multiplying DAC
HS7514 SIPEX-HS7514 Datasheet
106Kb / 8P
14-Bit Multiplying DACs
More results

Similar Description - HS7541A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7541A AD-AD7541A Datasheet
227Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
12-Bit, Buffered, Multiplying CMOS DAC
August 1997
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Intersil Corporation
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
12-Bit, Buffered, Multiplying CMOS DAC
May 2001
logo
Analog Devices
5962-89481022A AD-5962-89481022A Datasheet
230Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKRZ AD-AD7541AKRZ Datasheet
230Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_17 Datasheet
299Kb / 14P
CMOS, 12-Bit, Monolithic Multiplying DAC
20-Mar-2017
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
CMOS 12-Bit Buffered Multiplying DAC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com