Electronic Components Datasheet Search
  English  ▼

X  

HS7541A Datasheet(PDF) 7 Page - Sipex Corporation

Part # HS7541A
Description  12-Bit CMOS Multiplying DAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7541A Datasheet(HTML) 7 Page - Sipex Corporation

  HS7541A Datasheet HTML 1Page - Sipex Corporation HS7541A Datasheet HTML 2Page - Sipex Corporation HS7541A Datasheet HTML 3Page - Sipex Corporation HS7541A Datasheet HTML 4Page - Sipex Corporation HS7541A Datasheet HTML 5Page - Sipex Corporation HS7541A Datasheet HTML 6Page - Sipex Corporation HS7541A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
HS7541A
12-Bit CMOS Multiplying DAC
© Copyright 2000 Sipex Corporation
7
ORDERING INFORMATION
Model .............................................................................................. Relative Accuracy .......................................................................... Package
0
°C to +70°C Operating Temperature:
HS7541AKN ...........................................................................................
±0.5 LSB ............................................................... 18-Pin, 0.3" Plastic DIP
HS7541AJN ............................................................................................
±1.0 LSB ............................................................... 18-Pin, 0.3" Plastic DIP
HS7541AKP ............................................................................................
±0.5 LSB ................................................................................ 20-Pin PLCC
HS7541AJP ............................................................................................
±1.0 LSB ................................................................................ 20-Pin PLCC
HS7541AKS ............................................................................................
±0.5 LSB ........................................................................ 18-Pin, 0.3" SOIC
HS7541AJS ............................................................................................
±1.0 LSB ........................................................................ 18-Pin, 0.3" SOIC
–40
°C to +85°C Operating Temperature:
HS7541ABN ...........................................................................................
±0.5 LSB ............................................................... 18-Pin, 0.3" Plastic DIP
HS7541AAN ...........................................................................................
±1.0 LSB ............................................................... 18-Pin, 0.3" Plastic DIP
HS7541ABP ............................................................................................
±0.5 LSB ................................................................................ 20-Pin PLCC
HS7541AAP ............................................................................................
±1.0 LSB ................................................................................ 20-Pin PLCC
HS7541ABS ............................................................................................
±0.5 LSB ........................................................................ 18-Pin, 0.3" SOIC
HS7541AAS ............................................................................................
±1.0 LSB ........................................................................ 18-Pin, 0.3" SOIC
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com