Electronic Components Datasheet Search
  English  ▼

X  

HS7541A Datasheet(PDF) 5 Page - Sipex Corporation

Part # HS7541A
Description  12-Bit CMOS Multiplying DAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7541A Datasheet(HTML) 5 Page - Sipex Corporation

  HS7541A Datasheet HTML 1Page - Sipex Corporation HS7541A Datasheet HTML 2Page - Sipex Corporation HS7541A Datasheet HTML 3Page - Sipex Corporation HS7541A Datasheet HTML 4Page - Sipex Corporation HS7541A Datasheet HTML 5Page - Sipex Corporation HS7541A Datasheet HTML 6Page - Sipex Corporation HS7541A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HS7541A
12-Bit CMOS Multiplying DAC
© Copyright 2000 Sipex Corporation
5
VREF
10K
Ω
20K
Ω
D11 (MSB)
D1
D2
D0 (LSB)
IOUT2
IOUT1
RFB
10K
Ω
10K
Ω
20K
Ω
20K
Ω
20K
Ω
20K
Ω
S1
S2
S11
S0
Switches shown for digital inputs "high"
R = 10K
Ω
ILEAKAGE
30pF
RFEEDBACK
IOUT1
ILEAKAGE
85pF
IOUT2
1/4096
IREF
VREF
R = 10K
Ω
The twelve output current-steering switches are
in series with the R-2R ladder, and therefore,
can introduce bit errors. It is essential then, that
the switch “on” resistance be binarily scaled so
that the voltage drop across each switch remains
constant. If, for example, switch S
0 of Figure 1
was designed with an “on” resistance of 10
ohms, switch S
1 for 20 ohms, etc., then with a
10V reference input, the current through S
0 is
0.5mA, S
1 is 0.25mA, etc.; a constant 5mV drop
will then be maintained across each switch.
To further insure accuracy across the full tem-
perature range, permanently “on” MOS switches
are included in series with the feedback resistor
and the R-2R ladder’s terminating resistor. These
series switches are equivalently scaled to two
times switch S
11 (MSB) and to switch S0 (LSB)
respectively to maintain constant relative volt-
age drops with varying temperature. During any
testing of the resistor ladder or R
FB
(such as
incoming inspection), V
DD
must be present to
turn “on” these series switches.
Figure 3. Equivalent Circuit – All Inputs High
Figure 1. Simplified DAC Circuit
2001V ESD Protection
In the design of the HS7541A’s data inputs,
2001V ESD resistance has been incorporated
through careful layout and the inclusion of input
protection circuitry.
Equivalent Circuit Analysis
Figures 2 and 3 show the equivalent circuits for all
digital inputs LOW and HIGH respectively. The
reference current is switched to I
OUT2 when all inputs
are LOW, and to I
OUT1 when all inputs are HIGH.
The I
LEAKAGE current source is the combination of
surface and junction leakages to the substrate; the
1/4096 current source represents the constant 1-bit
current drain through the ladder terminating resis-
tor. The output capacitance is dependent upon the
digital input code, and therefore varies between the
low and high values.
Output Impedance
The output resistance, as in the case of the output
capacitance, varies with the digital input code.
The resistance, looking back into the I
OUT1 ter-
R = 10K
Ω
ILEAKAGE
30pF
RFEEDBACK
IOUT1
ILEAKAGE
85pF
IOUT2
1/4096
IREF
VREF
R = 10K
Ω
Figure 2. Equivalent Circuit – All Inputs Low
VREF (–10V)
D11 (MSB)
D0 (LSB)
INPUT
DATA
2K
Ω
GAIN TRIM
1K
Ω
GAIN TRIM
15pF
+15V
–15V
VOUT
–
+
RFB
IO1
IO2
GND
VREF
VDD
+15V
4
15
3
2
1
18
16
17
HS7541A
Figure 4. Unipolar Operation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com