Electronic Components Datasheet Search
  English  ▼

X  

HS7541A Datasheet(PDF) 3 Page - Sipex Corporation

Part # HS7541A
Description  12-Bit CMOS Multiplying DAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7541A Datasheet(HTML) 3 Page - Sipex Corporation

  HS7541A Datasheet HTML 1Page - Sipex Corporation HS7541A Datasheet HTML 2Page - Sipex Corporation HS7541A Datasheet HTML 3Page - Sipex Corporation HS7541A Datasheet HTML 4Page - Sipex Corporation HS7541A Datasheet HTML 5Page - Sipex Corporation HS7541A Datasheet HTML 6Page - Sipex Corporation HS7541A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HS7541A
12-Bit CMOS Multiplying DAC
© Copyright 2000 Sipex Corporation
3
SPECIFICATIONS (continued)
(T
A=25°C; VDD =+15V, VREF = +10V; IO1 = IO2 = GND = 0V; unipolar unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
DIGITAL INPUTS
Logic Levels
V
IH
2.4
V
DD
Volts
2.4
Volts
Note 5
V
IL
-0.3
0.8
Volts
0.8
Volts
Note 5
Input Current
±1.0
µAV
IN = 0V or VDD
±10
µA
Note 5 and 15
Input Capacitance
V
IN = 0; Note 5 and 14
Bits 1—12
8
pF
Note 5
Coding
Unipolar
Binary
Bipolar
Offset Binary
POWER REQUIREMENTS
Voltage Range
+5
+15
Volts
Note 16
+16
Volts
Note 5
Supply Current
2.0
2.5
mA
All digital inputs V
IL or VIH
2.5
mA
Note 5; all digital inputs V
IL or
V
IH
0.2
0.5
mA
All digital inputs 0V or 5V to
V
DD
1.0
mA
Note 5; all digital inputs 0V or
5V to V
DD
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
-AK, -AJ
0
+70
°C
-AB, -AA
-40
+85
°C
Storage Temperature
-65
+150
°C
Package
-AK, -AJ
18-pin plastic DIP, 20-pin PLCC, 18–pin SOIC
Notes and Cautions:
1.
Do not apply voltages higher than VDD or less than GND potential on any terminal other than V
REF or VRFB.
2.
The digital inputs are diode-clamp protected against ESD damage. However, permanent damage may occur
on unprotected units from high-energy electrostatic fields. Keep units in conductive foam at all times until
ready to use.
3.
Use proper anti-static handling procedures.
4.
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation at or above these specifications is not implied.
Exposure to the above maximum rated conditions for extended periods may affect device reliability.
5.
From T
MIN to TMAX.
6.
Integral Non-linearity is measured as the arithmetic mean value of the magnitudes of the greatest positive
deviation and the greatest negative deviation from the theoretical value of any given input combination.
7.
Differential Non-linearity is the deviation of an output step from the theoretical value of 1 LSB for any two
adjacent digital input codes.
8.
AC performance characteristics are included for design guidance only and are subject to sample testing only.
9.
R
L = 100Ω, CEXT = 13pF; all data inputs 0V to VDD or VDD to 0V; from 50% digital input change to 90% of final
analog output.
10.
Settling to
±0.01% FSR (strobed); all data inputs 0V to V
DD or VDD to 0V.
11.
V
REF = 0V, DAC register alternatively loaded with all 0’s and all 1’s.
12.
V
REF = 20VP-P; F = 10kHz sinewave.
13.
V
REF = 20VP-P; F = 1kHz sinewave.
14.
Guaranteed by design, but not production tested.
15.
Logic inputs are MOS gates. I
IN typically is less than 1nA @ 25°C.
16.
Accuracy is guaranteed at V
DD = +15V only.
17.
Measured using internal feedback resistor with DAC loaded with all 1’s.
18.
All digital inputs = 0V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com