Electronic Components Datasheet Search
  English  ▼

X  

HS7541A Datasheet(PDF) 6 Page - Sipex Corporation

Part # HS7541A
Description  12-Bit CMOS Multiplying DAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7541A Datasheet(HTML) 6 Page - Sipex Corporation

  HS7541A Datasheet HTML 1Page - Sipex Corporation HS7541A Datasheet HTML 2Page - Sipex Corporation HS7541A Datasheet HTML 3Page - Sipex Corporation HS7541A Datasheet HTML 4Page - Sipex Corporation HS7541A Datasheet HTML 5Page - Sipex Corporation HS7541A Datasheet HTML 6Page - Sipex Corporation HS7541A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HS7541A
12-Bit CMOS Multiplying DAC
© Copyright 2000 Sipex Corporation
6
minal, may be anywhere between 10k
Ω (the
feedback resistor alone when all digital inputs
are LOW) and 7.5k
Ω (the feedback resistor in
parallel with approximately 30k
Ω of the R-2R
ladder network resistance when any single bit is
HIGH). Static accuracy and dynamic perfor-
mance will be affected by these variations.
UNIPOLAR OPERATION
Figure 4 shows the connections to implement
digital unipolar operation of the HS7541A. The
reference voltage applied to V
REF (pin17) may be
positive or negative. The 2K
Ω potentiometer
tied to V
REF, and the 1KΩ resistor in the feed-
back loop are both optional; they are needed
only when gain error must be trimmed to less
than 0.3% FSR. They should track each other to
better than 0.1%. It is not necessary that they
track the resistors internal to the HS7541A.
Figure 5. Bipolar Operation
VREF (–10V)
D11 (MSB)
D0 (LSB)
INPUT
DATA
2K
Ω
GAIN TRIM
1K
Ω
VOUT
–
+
RFB
IO1
IO2
GND
VREF
VDD
+15V
4
15
3
2
1
18
16
17
HS7541A
–
+
10K
Ω
10K
Ω
10K
Ω
390
Ω
500
Ω
As shown in the figure, the output current of the
HS7541A is typically connected to an external
op amp, with its non-inverting input tied to
ground. The amplifier should be selected for
low input bias current and low drift over tem-
perature. To maintain the specified linearity, the
amplifier’s input offset voltage should be mulled
to less than
±200µV (0.1 LSB).
BIPOLAR OPERATION
Figure 5 shows the connections for bipolar
operation of the HS7541A. The digital input
coding is offset binary as shown in Table 2. As
is the case for unipolar operation, the gain trim
resistors can be omitted if minimum gain error
is not required. The op amp selection criteria
and offset nulling are the same as for unipolar
operation.
DIGITAL INPUT
I
0UT
1111 1111 1111
-0.99975 x V
REF
1000 0000 0000
-0.50000 x V
REF
0111 1111 1111
-0.49975 x V
REF
0000 0000 0000
0V
Table 1. Unipolar Input Coding
DIGITAL INPUT
I
0UT
1111 1111 1111
-0.99951 x V
REF
1000 0000 0001
-0.00049 x V
REF
1000 0000 0000
0V
0100 0000 0000
+0.50000 x V
REF
0000 0000 0000
+1.00000 x V
REF
Table 2. Bipolar Input Coding



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com