Electronic Components Datasheet Search
  English  ▼

X  

HS7541A Datasheet(PDF) 2 Page - Sipex Corporation

Part # HS7541A
Description  12-Bit CMOS Multiplying DAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7541A Datasheet(HTML) 2 Page - Sipex Corporation

  HS7541A Datasheet HTML 1Page - Sipex Corporation HS7541A Datasheet HTML 2Page - Sipex Corporation HS7541A Datasheet HTML 3Page - Sipex Corporation HS7541A Datasheet HTML 4Page - Sipex Corporation HS7541A Datasheet HTML 5Page - Sipex Corporation HS7541A Datasheet HTML 6Page - Sipex Corporation HS7541A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HS7541A
12-Bit CMOS Multiplying DAC
© Copyright 2000 Sipex Corporation
2
SPECIFICATIONS
(T
A=25°C; VDD =+15V, VREF = +10V; IO1 = IO2 = GND = 0V; unipolar unless otherwise noted.)
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
STATIC PERFORMANCE
Resolution
12
Bits
Integral Non-Linearity
Note 6
-AJ, -AA
±1.0
LSB
Note 5; 11-bit relative accuracy
-AK, -AB
±0.5
LSB
Note 5; 12-bit relative accuracy
Differential Non-Linearity
Note 7
-AJ, -AA
±1.0
LSB
Note 5; Monotonic to 12-bits
-AK, -AB
±0.5
LSB
Note 5; Monotonic to 12-bits
Gain Error
Note 17
-AJ, -AA
±6
LSB
±8
LSB
Note 5
-AK, -AB
±3
LSB
±5
LSB
Note 5
Output Leakage Current
±5
nA
At I
O1 (Pin 1); Note 18
±10
nA
Note 5
AC PERFORMANCE CHARACTERISTICS
Output Amplifier HOS-050;
Note 8
Propagation Delay
100
ns
Note 9
Current Settling Time
0.6
µs
Full scale transition; Note 10
Output Capacitance
CI
O1 (Pin 16)
200
pF
Note 5; data inputs V
IH
CI
O2 (Pin 15)
70
pF
Note 5; data inputs V
IH
CI
O1 (Pin 16)
70
pF
Note 5; data inputs V
IL
CI
O2 (Pin 15)
200
pF
Note 5; data inputs V
IL
Glitch Energy
1,000
nVs
Note 11
Multiplying Feedthrough Error
1.0
mV
P-P
Measured at output I
O1;
Note 12
0.1
mV
P-P
Measured at output I
O1;
Note 13
STABILITY
Gain Error TC
±1.0
ppm/
°C
INL TC
±0.1
ppm/
°C
DNL TC
±0.1
ppm/
°C
Power Supply Rejection Ratio
±0.02
%/%
V
DD = 14 to 16V
REFERENCE INPUT
Input Resistance
7
10
15
K
Ω
Pin 19 to GND
Input Resistance TC
±150
ppm/
°C
Voltage Range
±25
Volts
Note 5 and 14
CAUTION:
ESD (ElectroStatic Discharge) sensitive
device. Permanent damage may occur on
unconnected devices subject to high energy
electrostatic fields. Unused devices must be
stored in conductive foam or shunts.
Personnel should be properly grounded prior
to handling this device. The protective foam
should be discharged to the destination
socket before devices are removed.
ABSOLUTE MAXIMUM RATINGS
(T
A = 25°C unless otherwise noted.)
These are stress ratings only and functional operation of the device
at these or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time
may affect reliability.
V
DD to GND .................................................................. –0.3V, +17V
Digital Input Voltage to GND ................................. –0.3V, V
DD+0.3V
V
REF or VRFB to GND ................................................................ ±25V
Output Voltage (Pin 1, Pin 2) ................................ –0.3V, V
DD+0.3V
Power Dissipation (Any Package to +75
°C) ........................ 450mW
Derates above 75
°C by ...................................................... 6mW/°C
Dice Junction Temperature ................................................. +150
°C
Storage Temperature ............................................ –65
°C to +150°C
Lead Temperature (Soldering, 60 seconds) ........................ +300
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com