Electronic Components Datasheet Search
  English  ▼

X  

HS7541A Datasheet(PDF) 4 Page - Sipex Corporation

Part # HS7541A
Description  12-Bit CMOS Multiplying DAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7541A Datasheet(HTML) 4 Page - Sipex Corporation

  HS7541A Datasheet HTML 1Page - Sipex Corporation HS7541A Datasheet HTML 2Page - Sipex Corporation HS7541A Datasheet HTML 3Page - Sipex Corporation HS7541A Datasheet HTML 4Page - Sipex Corporation HS7541A Datasheet HTML 5Page - Sipex Corporation HS7541A Datasheet HTML 6Page - Sipex Corporation HS7541A Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HS7541A
12-Bit CMOS Multiplying DAC
© Copyright 2000 Sipex Corporation
4
PIN ASSIGNMENTS
18–Pin Plastic DIP and SOIC
Pin 1 — I
O1 — Inverted Current Output.
Pin 2 — I
O2 — Current Output.
Pin 3 — GND — Analog Ground.
Pin 4 — D
11 (MSB) — Data Bit 11 (Most Significant
Bit).
Pin 5 — D
10 — Data Bit 10.
Pin 6 — D
9 — Data Bit 9.
Pin 7 — D
8 — Data Bit 8.
Pin 8 — D
7 — Data Bit 7.
Pin 9 — D
6 — Data Bit 6.
Pin 10 — D
5— Data Bit 5.
Pin 11 — D
4— Data Bit 4.
Pin 12 — D
3— Data Bit 3.
Pin 13 — D
2— Data Bit 2.
Pin 14 — D
1— Data Bit 1.
Pin 15 — D
0 (LSB) — Data Bit 0 (Least Significant
Bit).
Pin 16 — V
DD— +5V to +15V Power Supply.
Pin 17 — V
REF— Voltage Reference Input.
Pin 18 — R
FB— Feedback Resistor.
20–Pin Plastic LCC
Pin 1 — I
O1 — Inverted Current Output.
Pin 2 — I
O2 — Current Output.
Pin 3 — GND — Analog Ground.
Pin 4 — N.C. — No Connection.
Pin 5 — D
11 (MSB) — Data Bit 11 (Most
Significant Bit).
Pin 6 — D
10 — Data Bit 10.
Pin 7 — D
9 — Data Bit 9.
Pin 8 — D
8 — Data Bit 8.
Pin 9 — D
7 — Data Bit 7.
Pin 10 — D
6 — Data Bit 6.
Pin 11 — D
5— Data Bit 5.
Pin 12 — D
4— Data Bit 4.
Pin 13 — D
3— Data Bit 3.
Pin 14 — D
2— Data Bit 2.
Pin 15 — D
1— Data Bit 1.
Pin 16 — D
0 (LSB) — Data Bit 0 (Least Signifi-
cant Bit).
Pin 17 — N.C. — No Connection.
Pin 18 — V
DD— +5V to +15V Power Supply.
Pin 19 — V
REF— Voltage Reference Input.
Pin 20 — R
FB— Feedback Resistor.
FEATURES…
The HS7541A is a low–cost, high stability mono-
lithic 12–bit CMOS 4–quadrant multiplying
DAC. It is constructed using a proprietary low–
TCR thin–film process that requires no laser–
trimming to achieve 12–bit performance. With
its inherent high stability and a segmented (de-
coded) DAC architecture, the HS7541A retains
its performance over time and temperature. To
further improve reliability, all digital inputs are
protected against 2KV ESD. Each DAC is fully
characterized by all–codes testing to eliminate
any hidden errors.
The HS7541A consists of a highly stable thin–
film R–2R ladder network and twelve NMOS
current switches (please refer to the Block Dia-
gram on the first page of this data sheet). The
switches are temperature compensated, and their
“on” resistances are binarily scaled so that the
voltage drop across each switch is identical,
which contributes to the stability of the DAC.
The internal feedback resistor used in the output
current–to–voltage conversion by an external
op amp is matched to the R–2R ladder.
CIRCUIT DESCRIPTION
General
The HS7541A is a 12-bit multiplying D/A con-
verter consisting of a highly stable, SiChrome
thin-film R-2R resistor ladder network, and
twelve pairs of NMOS current-steering switches
on a monolithic chip.
A simplified circuit of the HS7541A is shown in
Figure 1. The R-2R inverted ladder binarily
divides the input currents that are switched
between the I
OUT1 and IOUT2 bus lines. This switch-
ing allows a constant current to be maintained in
each ladder leg independent of the input code.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com