Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11331 Datasheet HTML 1Page - Maxim Integrated Products MAX11331 Datasheet HTML 2Page - Maxim Integrated Products MAX11331 Datasheet HTML 3Page - Maxim Integrated Products MAX11331 Datasheet HTML 4Page - Maxim Integrated Products MAX11331 Datasheet HTML 5Page - Maxim Integrated Products MAX11331 Datasheet HTML 6Page - Maxim Integrated Products MAX11331 Datasheet HTML 7Page - Maxim Integrated Products MAX11331 Datasheet HTML 8Page - Maxim Integrated Products MAX11331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
1
19-6262; Rev 1; 6/12
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maxim-ic.com/MAX11329-MAX11332.related.
General Description
The MAX11329–MAX11332 are 12-/10-bit with external
reference and 500kHz, full-linear-bandwidth, high-speed,
low-power, serial-output successive approximation reg-
ister (SAR) analog-to-digital converters (ADCs). The
MAX11329–MAX11332 provide external access to the
output of the integrated mux and ADC input, to simplify the
signal conditional circuitry. The MAX11329–MAX11332
include both internal and external clock modes. These
devices feature scan mode in both internal and external
clock modes. The internal clock mode features internal
averaging to increase SNR. The external clock mode fea-
tures the SampleSetK technology, a user-programmable
analog input channel sequencer. The SampleSet approach
provides greater sequencing flexibility for multichannel
applications while alleviating significant microcontroller or
DSP (controlling unit) communication overhead.
External pins provide access to the output of the
multiplexer and ADC inputs to simplify multichannel sig-
nal conditioning. The internal clock mode features an inte-
grated FIFO allowing data to be sampled at high speeds
and then held for readout at any time or at a lower clock
rate. Internal averaging is also supported in internal clock
mode improving SNR for noisy input signals. The devices
feature analog input channels that can be configured to
be single-ended inputs, fully differential pairs, or pseudo-
differential inputs with respect to one common input. The
MAX11329–MAX11332 operate from a 2.35V to 3.6V sup-
ply and consume only 15.2mW at 3Msps.
The MAX11329–MAX11332 include AutoShutdownK,
fast wake-up, and a high-speed 3-wire serial interface.
The devices feature full power-down mode for optimal
power management. The 48MHz, 3-wire serial interface
directly connects to SPI, QSPIK, and MICROWIREM
devices without external logic.
Excellent dynamic performance, low voltage, low power,
ease of use, and small package size make these convert-
ers ideal for portable battery-powered data-acquisition
applications, and for other applications that demand low
power consumption and small space.
The MAX11329–MAX11332 are available in 32-pin, 5mm
x 5mm, TQFN packages and operate over the -40NC to
+125NC temperature range.
Benefits and Features
S
Scan Modes, Internal Averaging, and Internal Clock
S
16-Entry First-In/First-Out (FIFO)
S
SampleSet: User-Defined Channel Sequence with
Maximum Length of 256
S
Input Pins
Any Combination of Single-Ended, Differential
and Pseudo-Differential Pairs Allowed
S
Analog Multiplexer with True Differential
Track/Hold
16-/8-Channel Single-Ended
8-/4-Channel Fully-Differential Pairs
15-/8-Channel Pseudo-Differential Relative to
a Common Input
S
Externally Accessible Multiplex Output and
ADC Input
S
Two Software-Selectable Bipolar Input Ranges
 Q
VREF+/2, QVREF+
S
Flexible Input Configuration Across All Channels
S
High Accuracy
 Q
1 LSB INL, Q1 LSB DNL, No Missing Codes
S
70dB SINAD Guaranteed at 100kHz Input
Frequency
S
1.5V to 3.6V Digital I/O Supply Voltage
S
2.35V to 3.6V Supply Voltage
S
Extended Battery Life for Portable Applications
15.2mW at 3Msps with 3V Supplies
2µA Full-Shutdown Current
S
External Differential Reference (1V to VDD)
S
48MHz, 3-Wire SPI-/QSPI-/MICROWIRE-/DSP-
Compatible Serial Interface
S
Wide -40NC to +125NC Operation
S
Space-Saving, 32-Pin, 5mm x 5mm TQFN Packages
S
3Msps Conversion Rate, No Pipeline Delay
Applications
High-Speed Data Acquisition Systems
High-Speed Closed-Loop Systems
Industrial Control Systems
Medical Instrumentation
Battery-Powered Instruments
Portable Systems
µMAX is a registered trademark of Maxim Integrated Products, Inc.
EVALUATION KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX11331

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11331 MAXIM-MAX11331 Datasheet
3Mb / 37P
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
MAX11331ATJ+ MAXIM-MAX11331ATJ+ Datasheet
3Mb / 37P
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
More results

Similar Description - MAX11331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
logo
Maxim Integrated Produc...
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11329 MAXIM-MAX11329 Datasheet
3Mb / 37P
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11321 MAXIM-MAX11321 Datasheet
3Mb / 37P
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 9/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11335 MAXIM-MAX11335_V01 Datasheet
2Mb / 37P
500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com