Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 21Page - Maxim Integrated Products MAX11331 Datasheet HTML 22Page - Maxim Integrated Products MAX11331 Datasheet HTML 23Page - Maxim Integrated Products MAX11331 Datasheet HTML 24Page - Maxim Integrated Products MAX11331 Datasheet HTML 25Page - Maxim Integrated Products MAX11331 Datasheet HTML 26Page - Maxim Integrated Products MAX11331 Datasheet HTML 27Page - Maxim Integrated Products MAX11331 Datasheet HTML 28Page - Maxim Integrated Products MAX11331 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
25
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Table 6. ADC Configuration Register
Table 5. Power Management Modes
Register Descriptions
The MAX11329–MAX11332 communicate between the
internal registers and the external circuitry through the
SPI-/QSPI-compatible serial interface. Table 1 details the
register access and control. Table 2 through Table 14
detail the various functions and configurations.
For ADC mode control, set bit 15 of the register code
identification to zero. The ADC Mode Control register
determines when and under what scan condition the
ADC operates.
To set the ADC data configuration, set the bit 15 of the
register code identification to one.
Power-Down Mode
The MAX11329–MAX11332 feature three power-down
modes.
Static Shutdown
The devices shut down when the SPM bits in the ADC
Configuration register are asserted (Table 6). There are
two shutdown options:
U
Full shutdown where all circuitry is shutdown.
U
Partial shutdown where all circuitry is powered down
except for the internal bias generator.
AutoShutdown with External Clock Mode
When the PM_ bits in the ADC Mode Control register are
asserted (Table 5), the device shuts down at the rising
edge of CS in the next frame. The device powers up
again at the following falling edge of CS. There are two
available options:
U
AutoShutdown where all circuitry is shutdown.
U
AutoStandby where all circuitry are powered down
except for the internal bias generator.
AutoShutdown with Internal Clock Mode
The device shuts down after all conversions are complet-
ed. The device powers up again at the next falling edge
of CNVST or at the rising edge of CS after the SWCNV
bit is asserted.
PM1
PM0
MODE
FUNCTION
0
0
Normal
All circuitry is fully powered up at all times.
0
1
AutoShutdown
The device enters full shutdown mode at the end of each conversion. All circuitry
is powered down. The device powers up following the falling edge of CS. It takes 2
cycles before valid conversions take place. The information in the registers is retained.
1
0
AutoStandby
The device powers down all circuitry except for the internal bias generator. The part
powers up following the falling edge of CS. It takes 2 cycles before valid conversions
take place. The information in the registers is retained.
1
1
—
Unused.
BIT NAME
BIT
DEFAULT
STATE
FUNCTION
CONFIG_SETUP
15:11
N/A
Set to 10000 to select the ADC Configuration register.
REFSEL
10
0
REFSEL
VOLTAGE REFERENCE
REF- CONFIGURATION
0
External single-ended
AIN15 (for the 16-channel devices)
1
External differential
REF-
AVGON
9
0
Set to 1 to turn averaging on. Valid for internal clock mode only.
Set to 0 to turn averaging off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com