Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 29Page - Maxim Integrated Products MAX11331 Datasheet HTML 30Page - Maxim Integrated Products MAX11331 Datasheet HTML 31Page - Maxim Integrated Products MAX11331 Datasheet HTML 32Page - Maxim Integrated Products MAX11331 Datasheet HTML 33Page - Maxim Integrated Products MAX11331 Datasheet HTML 34Page - Maxim Integrated Products MAX11331 Datasheet HTML 35Page - Maxim Integrated Products MAX11331 Datasheet HTML 36Page - Maxim Integrated Products MAX11331 Datasheet HTML 37Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
33
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Figure 12. ADC Mode Select Programming Sequence
REPEAT
INTERNAL/EXTERNAL
CLOCK
STANDARD-INT
UPPER-INT
CUSTOM-INT
MANUAL
ADC CONFIGURATION REGISTER
SET AVG ON BIT TO 1
SET NAVG[1:0] TO N
ADC CONFIGURATION REGISTER
SET AVG ON BIT TO 1
SET NAVG[1:0] TO N
AVERAGE
AVERAGE
AVERAGE
ADC CONFIGURATION REGISTER
SET AVG ON BIT TO 1
SET NAVG[1:0] TO N
ADC MODE CONTROL REGISTER
SET SCAN[3:0] TO 0101
SET CHSEL[3:0] TO CHANNEL NUMBER
SELECT THE RIGHT SWCNV BIT
ADC MODE CONTROL REGISTER
SET SCAN[3:0] TO 0011
SET CHSEL[3:0] TO CHANNEL NUMBER
SELECT THE RIGHT SWCNV BIT
ADC MODE CONTROL REGISTER
SET SCAN[3:0] TO 0010
SET CHSEL[3:0] TO CHANNEL NUMBER
SELECT THE RIGHT SWCNV BIT
ADC MODE CONTROL REGISTER
SET SCAN[3:0] TO 0001
SET CHSEL[3:0] TO CHANNEL NUMBER
SELECT THE PM[1:0] BITS
ADC MODE CONTROL REGISTER
SET SCAN[3:0] TO 0100
SET CHSEL[3:0] TO CHANNEL NUMBER
ADC MODE CONTROL REGISTER
SET SCAN[3:0] TO 0110
SET CHSEL[3:0] TO CHANNEL NUMBER
ADC MODE CONTROL REGISTER
SET SCAN[3:0] TO 1001
SET CHSEL[3:0] TO CHANNEL NUMBER
ADC MODE CONTROL REGISTER
SET SCAN[3:0] TO 1000
SET CHSEL[3:0] TO CHANNEL NUMBER
SampleSet REGISTER
SET SEQ_DEPTH[7:0] TO SET
CHANNEL CAPTURE DEPTH
FOLLOW SampleSet REGISTER WITH
CHANNEL PATTERN OF THE SAME SIZE
AS SEQUENCE DEPTH
AVERAGE
ADC CONFIGURATION REGISTER
SET AVGON BIT TO 1
SET NAVG[1:0] TO N
SET CUSTOM Scan0 REGISTER
SET CUSTOM Scan1 REGISTER
SET CUSTOM Scan0 REGISTER
SET CUSTOM Scan1 REGISTER
ADC CONFIGURATION REGISTER
SET NSCAN[1:0] FOR SCAN COUNT
ADC MODE CONTROL REGISTER
SET SCAN[3:0] TO 0111
SET CHSEL[3:0] TO CHANNEL NUMBER
SELECT THE RIGHT SWCNV BIT
INTERNAL
EXTERNAL
YES
YES
YES
NO
NO
YES
NO
YES
NO
YES
NO
YES
NO
YES
YES
NO
NO
YES
YES
NO
NO
YES
YES
NO
NO
STANDARD-EXT
UPPER-EXT
CUSTOM-EXT
SampleSet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com