Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 10Page - Maxim Integrated Products MAX11331 Datasheet HTML 11Page - Maxim Integrated Products MAX11331 Datasheet HTML 12Page - Maxim Integrated Products MAX11331 Datasheet HTML 13Page - Maxim Integrated Products MAX11331 Datasheet HTML 14Page - Maxim Integrated Products MAX11331 Datasheet HTML 15Page - Maxim Integrated Products MAX11331 Datasheet HTML 16Page - Maxim Integrated Products MAX11331 Datasheet HTML 17Page - Maxim Integrated Products MAX11331 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
14
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Detailed Description
The MAX11329–MAX11332 are 12-/10-bit with external
reference and industry-leading 500kHz, full linear band-
width, high-speed, low-power, serial output successive
approximation register (SAR) analog-to-digital converters
(ADC). These devices feature scan mode, internal aver-
aging to increase SNR, and AutoShutdown.
The external clock mode features the SampleSet technol-
ogy, a user-programmable analog input channel sequenc-
er. The user may define and load a unique sequencing
pattern into the ADC allowing both high- and low-frequen-
cy inputs to be converted without interface activity. This
feature frees the controlling unit for other tasks while lower-
ing overall system noise and power consumption.
The MAX11329–MAX11332 include internal clock. The
internal clock mode features an integrated FIFO, allowing
data to be sampled at high speed and then held for read-
out at any time or at a lower clock rate. Internal averaging
is also supported in this mode improving SNR for noisy
input signals. All input channels are configurable for sin-
gle-ended, fully differential or pseudo-differential inputs
in unipolar or bipolar mode. The MAX11329–MAX11332
operate from a 2.35V to 3.6V supply and consume only
15.2mW at 3Msps.
The MAX11329–MAX11332 include AutoShutdown, fast
wake-up, and a high-speed 3-wire serial interface. The
devices feature full power-down mode for optimal power
management.
Data is converted from analog voltage sources in a
variety of channel and data-acquisition configurations.
Microprocessor (FP) control is made easy through a 3-wire
SPI-/QSPI-/MICROWIRE-compatible serial interface.
AOP and AON are the output pins of the internal multi-
plexer while AIP and AIN are the ADC inputs which are all
accessible externally through pins. This allows flexibility
to the system designer to process all signals through one
PGA (programmable gain amplifier), filter or gain stage
Functional Diagrams (continued)
OSCILLATOR
SINGLE-
ENDED/
DIFFERENTIAL
BUS
MAX11329–MAX11332
ADC
CS
CS
SCLK
DIN
DOUT
CNVST
EOC
SCLK
REF+
REF+
AIN0
AOP
AIN
AON
AIP
AIN1
AIN2
AIN3
AIN(N-1)
AIN(N)
REF-
REF-
I/P
MUX
CONTROL LOGIC
AND
SEQUENCER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com