Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11331 Datasheet HTML 1Page - Maxim Integrated Products MAX11331 Datasheet HTML 2Page - Maxim Integrated Products MAX11331 Datasheet HTML 3Page - Maxim Integrated Products MAX11331 Datasheet HTML 4Page - Maxim Integrated Products MAX11331 Datasheet HTML 5Page - Maxim Integrated Products MAX11331 Datasheet HTML 6Page - Maxim Integrated Products MAX11331 Datasheet HTML 7Page - Maxim Integrated Products MAX11331 Datasheet HTML 8Page - Maxim Integrated Products MAX11331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
3
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
ELECTRICAL CHARACTERISTICS (MAX11331/MAX11332) (continued)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 3Msps, fSCLK = 48MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Crosstalk
-0.5dB below full-scale of 99.2432kHz
sine wave input to the channel being
sampled, apply full-scale 69.2139kHz
sine wave signal to all 15 nonselected
input channels.
-88
dB
CONVERSION RATE
Power-Up Time
tPU
Conversion cycle, external clock
2
Cycles
Acquisition Time
tACQ
52
ns
Conversion Time
tCONV
Internally clocked (Note 8)
2.1
µs
Externally clocked, fSCLK = 48MHz,
16 cycles (Note 8)
333
ns
External Clock Frequency
fSCLK
0.48
48
MHz
Aperture Delay
8
ns
Aperture Jitter
RMS
30
ps
ANALOG INPUT
Input Voltage Range
VINA
Unipolar, (single ended and pseudo-
differential)
0
VREF+
V
Bipolar
(Note 9)
Range bit set to 0
-VREF+/2
VREF+/2
Range bit set to 1
-VREF+
VREF+
Absolute Input Voltage Range
AIN+, AIN- relative to GND
-0.1
VREF+ + 0.1
V
Static Input Leakage Current
IILA
VAIN = VDD, GND
-0.01
Q
1.5
F
A
Input Capacitance
CAIN
During acquisition time;
RANGE bit = 0 (Note 10)
15
pF
During acquisition time;
RANGE bit = 1 (Note 10)
7.5
EXTERNAL REFERENCE INPUT
REF- Input Voltage Range
VREF-
-0.3
+1
V
REF+ Input Voltage Range
VREF+
1
VDD + 50mV
V
REF+ Input Current
IREF+
VREF+ = 2.5V, fSAMPLE = 3Msps
110
F
A
VREF+ = 2.5V, fSAMPLE = 0Msps
0.1
DIGITAL INPUTS (SCLK, DIN, CS, CNVST)
Input Voltage Low
VIL
VOVDD
O
0.25
V
Input Voltage High
VIH
VOVDD
O
0.75
V
Input Hysteresis
VHYST
VOVDD
O
0.15
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com