Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11331 Datasheet HTML 1Page - Maxim Integrated Products MAX11331 Datasheet HTML 2Page - Maxim Integrated Products MAX11331 Datasheet HTML 3Page - Maxim Integrated Products MAX11331 Datasheet HTML 4Page - Maxim Integrated Products MAX11331 Datasheet HTML 5Page - Maxim Integrated Products MAX11331 Datasheet HTML 6Page - Maxim Integrated Products MAX11331 Datasheet HTML 7Page - Maxim Integrated Products MAX11331 Datasheet HTML 8Page - Maxim Integrated Products MAX11331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
ELECTRICAL CHARACTERISTICS (MAX11331/MAX11332) (continued)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 3Msps, fSCLK = 48MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage Current
IIN
VAIN = 0V or VDD
Q
0.09
Q
1.0
F
A
Input Capacitance
CIN
3
pF
DIGITAL OUTPUTS (DOUT, EOC)
Output Voltage Low
VOL
ISINK = 200FA
VOVDD
O
0.15
V
Output Voltage High
VOH
ISOURCE = 200FA
VOVDD
O
0.85
V
Three-State Leakage Current
IL
CS = VDD
-0.3
Q
1.5
F
A
Three-State Output Capacitance
COUT
CS = VDD
4
pF
POWER REQUIREMENTS
Positive Supply Voltage
VDD
2.35
3.0
3.6
V
Digital I/O Supply Voltage
VOVDD
1.5
3.0
3.6
V
Positive Supply Current
IDD
fSAMPLE = 3Msps
5.1
6.5
mA
fSAMPLE = 0Msps (3Msps devices)
2.5
Full shutdown
0.0013
0.006
Power Dissipation
Normal mode
(External
Reference)
VDD = 3V,
fSAMPLE = 3Msps
15.2
mW
VDD = 2.35V,
fSAMPLE = 3Msps
10.3
AutoStandby
VDD = 3V,
fSAMPLE = 3Msps
7.3
VDD = 2.35V,
fSAMPLE = 3Msps
4.35
Full/
AutoShutdown
VDD = 3V
3.9
F
W
VDD = 2.35V
1.7
TIMING CHARACTERISTICS (Figure 1) (Note 11)
SCLK Clock Period
tCP
Externally clocked conversion
20.8
ns
SCLK Duty Cycle
tCH
40
60
%
SCLK Fall to DOUT Transition
tDOT
CLOAD =
10pF
VOVDD = 1.5V to 2.35V
4
16.5
ns
VOVDD = 2.35V to 3.6V
4
15
16th SCLK Fall to DOUT Disable
tDOD
CLOAD = 10pF, channel ID on
15
ns
14th SCLK Fall to DOUT Disable
CLOAD = 10pF, channel ID off
16
ns
SCLK Fall to DOUT Enable
tDOE
CLOAD = 10pF
14
ns
DIN to SCLK Rise Setup
tDS
4
ns
SCLK Rise to DIN Hold
tDH
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com