Electronic Components Datasheet Search
  English  ▼

X  

MAX11331 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX11331
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11331 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX11331 Datasheet HTML 25Page - Maxim Integrated Products MAX11331 Datasheet HTML 26Page - Maxim Integrated Products MAX11331 Datasheet HTML 27Page - Maxim Integrated Products MAX11331 Datasheet HTML 28Page - Maxim Integrated Products MAX11331 Datasheet HTML 29Page - Maxim Integrated Products MAX11331 Datasheet HTML 30Page - Maxim Integrated Products MAX11331 Datasheet HTML 31Page - Maxim Integrated Products MAX11331 Datasheet HTML 32Page - Maxim Integrated Products MAX11331 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
29
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
Table 10. Unipolar Register
Table 11. Bipolar Register
BIT NAME
BIT
DEFAULT
STATE
FUNCTION
UNI_SETUP
15:11
—
Set to 10001 to select the Unipolar register.
UCH0/1
10
0
Set to 1 to configure AIN0 and AIN1 for pseudo-differential conversion.
Set to 0 to configure AIN0 and AIN1 for single-ended conversion.
UCH2/3
9
0
Set to 1 to configure AIN2 and AIN3 for pseudo-differential conversion.
Set to 0 to configure AIN2 and AIN3 for single-ended conversion.
UCH4/5
8
0
Set to 1 to configure AIN4 and AIN5 for pseudo-differential conversion.
Set to 0 to configure AIN4 and AIN5 for single-ended conversion.
UCH6/7
7
0
Set to 1 to configure AIN6 and AIN7 for pseudo-differential conversion.
Set to 0 to configure AIN6 and AIN7 for single-ended conversion.
UCH8/9
6
0
Set to 1 to configure AIN8 and AIN9 for pseudo-differential conversion.
Set to 0 to configure AIN8 and AIN9 for single-ended conversion.
UCH10/11
5
0
Set to 1 to configure AIN10 and AIN11 for pseudo-differential conversion.
Set to 0 to configure AIN10 and AIN11 for single-ended conversion.
UCH12/13
4
0
Set to 1 to configure AIN12 and AIN13 for pseudo-differential conversion.
Set to 0 to configure AIN12 and AIN13 for single-ended conversion.
UCH14/15
3
0
Set to 1 to configure AIN14 and AIN15 for pseudo-differential conversion.
Set to 0 to configure AIN14 and AIN15 for single-ended conversion.
PDIFF_COM
2
0
Set to 1 to configure AIN0–AIN14 to be referenced to one common DC voltage on
the REF-/AIN15. Set to 0 to disable the 15:1 pseudo differential mode.
—
1:0
000
Unused.
BIT NAME
BIT
DEFAULT
STATE
FUNCTION
BIP_SETUP
15:11
—
Set to 10010 to select the Bipolar register.
BCH0/1
10
0
Set to 1 to configure AIN0 and AIN1 for bipolar fully differential conversion.
Set to 0 to configure AIN0 and AIN1 for unipolar conversion mode
.
BCH2/3
9
0
Set to 1 to configure AIN2 and AIN3 for bipolar fully differential conversion.
Set to 0 to configure AIN2 and AIN3 for unipolar conversion mode.
BCH4/5
8
0
Set to 1 to configure AIN4 and AIN5 for bipolar fully differential conversion.
Set to 0 to configure AIN4 and AIN5 for unipolar conversion mode.
BCH6/7
7
0
Set to 1 to configure AIN6 and AIN7 for bipolar fully differential conversion.
Set to 0 to configure AIN6 and AIN7 for unipolar conversion mode.
BCH8/9
6
0
Set to 1 to configure AIN8 and AIN9 for bipolar fully differential conversion.
Set to 0 to configure AIN8 and AIN9 for unipolar conversion mode.
BCH10/11
5
0
Set to 1 to configure AIN10 and AIN11 for bipolar fully differential conversion.
Set to 0 to configure AIN10 and AIN11 for unipolar conversion mode.
BCH12/13
4
0
Set to 1 to configure AIN12 and AIN13 for bipolar fully differential conversion.
Set to 0 to configure AIN12 and AIN13 for unipolar conversion mode.
BCH14/15
3
0
Set to 1 to configure AIN14 and AIN15 for bipolar fully differential conversion.
Set to 0 to configure AIN14 and AIN15 for unipolar conversion mode.
—
2:0
000
Unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com