Electronic Components Datasheet Search
  English  ▼

X  

MAX2091 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX2091
Description  50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2091 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX2091 Datasheet HTML 9Page - Maxim Integrated Products MAX2091 Datasheet HTML 10Page - Maxim Integrated Products MAX2091 Datasheet HTML 11Page - Maxim Integrated Products MAX2091 Datasheet HTML 12Page - Maxim Integrated Products MAX2091 Datasheet HTML 13Page - Maxim Integrated Products MAX2091 Datasheet HTML 14Page - Maxim Integrated Products MAX2091 Datasheet HTML 15Page - Maxim Integrated Products MAX2091 Datasheet HTML 16Page - Maxim Integrated Products MAX2091 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz
Upconverting Mixer with Image Filtering, Threshold
Alarm Circuit, and Error Amplifier for Level Control
MAX2091
Typical Operating Characteristics (continued)
(Typical Application Circuit configured for Mixer only (MIX_IN to RF_OUT), VCC = 5.5V, TC = +25NC, fMIX_IN = 350MHz, PMIX_IN =
-1dBm, fLO = 1485MHz, PLO = -7dBm, fRF = fIF_IN + fLO, RSOURCE = RLOAD = 50I, CTRL1 = 1, CTRL2 = 0, ALM_THRES = ALM = open,
unless otherwise noted.)
LO - 2IF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
400
300
60
50
70
80
90
40
200
500
TC = +95°C
TC = +25°C
TC = -40°C
LO - 2IF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
400
300
60
50
70
80
90
40
200
500
PLO = -10dBm, -7dBm, -4dBm
LO - 2IF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
400
300
60
50
70
80
90
40
200
500
VCC = 4.75V, 5.00V, 5.25V, 5.50V
LO + 3IF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
400
300
60
70
80
90
50
200
500
TC = -40°C, +25°C, +95°C
LO - 3IF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
400
300
60
70
80
90
100
50
200
500
TC = -40°C, +25°C, +95°C
MEASUREMENT NOISE FLOOR APPROX 82dBc
LO + 3IF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
400
300
60
70
80
90
50
200
500
PLO = -10dBm, -7dBm, -4dBm
LO - 3IF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
400
300
60
70
80
90
100
50
200
500
PLO = -10dBm, -7dBm, -4dBm
MEASUREMENT NOISE FLOOR APPROX 82dBc
LO + 3IF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
400
300
60
70
80
90
50
200
500
VCC = 4.75V, 5.00V, 5.25V, 5.50V
LO - 3IF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
400
300
60
70
80
90
100
50
200
500
VCC = 4.75V, 5.00V, 5.25V, 5.50V
MEASUREMENT NOISE FLOOR APPROX 82dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com