Electronic Components Datasheet Search
  English  ▼

X  

MAX2091 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX2091
Description  50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2091 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX2091 Datasheet HTML 14Page - Maxim Integrated Products MAX2091 Datasheet HTML 15Page - Maxim Integrated Products MAX2091 Datasheet HTML 16Page - Maxim Integrated Products MAX2091 Datasheet HTML 17Page - Maxim Integrated Products MAX2091 Datasheet HTML 18Page - Maxim Integrated Products MAX2091 Datasheet HTML 19Page - Maxim Integrated Products MAX2091 Datasheet HTML 20Page - Maxim Integrated Products MAX2091 Datasheet HTML 21Page - Maxim Integrated Products MAX2091 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz
Upconverting Mixer with Image Filtering, Threshold
Alarm Circuit, and Error Amplifier for Level Control
MAX2091
Typical Operating Characteristics (continued)
(Typical Application Circuit configured for Full Cascade with interstage attenuator network (IF_IN to RF_OUT), analog attenuator
set to maximum gain (VPLVLSET = 2.5V), VCC = 5.5V, TC = +25NC, fIF_IN = 350MHz, PIF_IN = -25dBm, fLO= 1485MHz, PLO = -7dBm, fRF
= fIF_IN + fLO, RSOURCE = RLOAD = 50I, CTRL1 = 1 CTRL2 = 0, ALM_THRES = ALM = open, unless otherwise noted.)
OUTPUT P1dB vs. RF FREQUENCY
10
11
12
13
14
9
RF FREQUENCY (MHz)
1785
1885
1685
1985
TC = -40°C
TC = +95°C
TC = +25°C
OUTPUT P1dB vs. RF FREQUENCY
10
11
12
13
14
9
RF FREQUENCY (MHz)
1785
1885
1685
1985
PLO = -10dBm, -7dBm, -4dBm
OUTPUT P1dB vs. RF FREQUENCY
10
11
12
13
14
9
RF FREQUENCY (MHz)
1785
1885
1685
1985
VCC = 4.75V, 5.00V, 5.50V, 5.80V
IMAGE REJECTION vs. RF FREQUENCY
RF FREQUENCY (MHz)
1885
1785
5
10
15
20
25
30
0
1685
1985
TC = -40°C
TC = +25°C
TC = +95°C
LO LEAKAGE AT RF PORT
vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
-50
-40
-30
-60
200
500
TC = -40°C, +95°C
TC = +25°C
IMAGE REJECTION vs. RF FREQUENCY
RF FREQUENCY (MHz)
1885
1785
5
10
15
20
25
30
0
1685
1985
PLO = -10dBm, -7dBm, -4dBm
LO LEAKAGE AT RF PORT
vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
-50
-40
-30
-60
200
500
PLO = -10dBm
PLO = -7dBm
PLO = -4dBm
IMAGE REJECTION vs. RF FREQUENCY
RF FREQUENCY (MHz)
1885
1785
5
10
15
20
25
30
0
1685
1985
VCC = 4.75V, 5.00V, 5.25V, 5.50V
LO LEAKAGE AT RF PORT
vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
-50
-40
-30
-60
200
500
VCC = 4.75V, 5.00V, 5.25V, 5.50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com