Electronic Components Datasheet Search
  English  ▼

X  

MAX2091 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX2091
Description  50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2091 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX2091 Datasheet HTML 2Page - Maxim Integrated Products MAX2091 Datasheet HTML 3Page - Maxim Integrated Products MAX2091 Datasheet HTML 4Page - Maxim Integrated Products MAX2091 Datasheet HTML 5Page - Maxim Integrated Products MAX2091 Datasheet HTML 6Page - Maxim Integrated Products MAX2091 Datasheet HTML 7Page - Maxim Integrated Products MAX2091 Datasheet HTML 8Page - Maxim Integrated Products MAX2091 Datasheet HTML 9Page - Maxim Integrated Products MAX2091 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz
Upconverting Mixer with Image Filtering, Threshold
Alarm Circuit, and Error Amplifier for Level Control
MAX2091
Typical Operating Characteristics (continued)
(Typical Application Circuit configured for AGC amp only (IF_IN to IF_OUT), analog attenuator set to maximum gain (VPLVLSET = 2.5V),
VCC = 5.5V, TC = +25NC, fIF_IN = 350MHz, PIF_IN = -25dBm, RSOURCE = RLOAD = 50I, CTRL1 = 1, CTRL2 = 0, ALM_THRES = ALM =
open, unless otherwise noted.)
GAIN vs. VPLVSET SETTING
VPLVSET (V)
-10
0
10
20
30
-20
50MHz
0
2.5
2.0
1.5
1.0
0.5
200MHz, 350MHz, 500MHz
GAIN vs. VPLVSET SETTING
VPLVSET (V)
-10
0
10
20
30
-20
0
2.5
2.0
1.5
1.0
0.5
TC = -40°C, +25°C, +95°C
fIF = 350MHz
INPUT MATCH vs. VPLVSET SETTING
VPLVSET (V)
-10
0
2.5
2.0
1.5
1.0
0.5
50MHz
500MHz
200MHz
350MHz
-25
-20
-15
-30
-40
-30
-20
-10
OUTPUT MATCH vs. VPLVSET SETTING
VPLVSET (V)
0
-50
0
2.5
2.0
1.5
1.0
0.5
50MHz
200MHz
500MHz
350MHz
REVERSE ISOLATION OVER VPLVSET
SETTING vs. IF FREQUENCY
30
40
50
60
70
80
20
VPLVSET = 0V
VPLVSET = 2.5V
IF FREQUENCY (MHz)
50
500
410
320
230
140
S21 PHASE CHANGE
vs. VPLVSET SETTING
-60
-30
0
30
60
90
-90
VPLVSET (V)
0
2.5
2.0
1.5
1.0
0.5
200MHz
350MHz
POSITIVE PHASE = ELECTRICALLY SHORTER
REFERENCED TO
HIGH GAIN STATE
500MHz
50MHz
NOISE FIGURE vs. IF FREQUENCY
6
2
TC = +95°C
IF FREQUENCY (MHz)
200
500
3
4
5
400
300
TC = +25°C
TC = -40°C
NOISE FIGURE vs. IF FREQUENCY
6
2
IF FREQUENCY (MHz)
200
500
3
4
5
400
300
VCC = 4.75V, 5.00V, 5.50V, 5.80V
17
18
OUTPUT P1dB vs. IF FREQUENCY
19
16
IF FREQUENCY (MHz)
200
500
400
300
TC = +25°C
TC = -40°C
TC = +95°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com