Electronic Components Datasheet Search
  English  ▼

X  

MAX2091 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX2091
Description  50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2091 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX2091 Datasheet HTML 17Page - Maxim Integrated Products MAX2091 Datasheet HTML 18Page - Maxim Integrated Products MAX2091 Datasheet HTML 19Page - Maxim Integrated Products MAX2091 Datasheet HTML 20Page - Maxim Integrated Products MAX2091 Datasheet HTML 21Page - Maxim Integrated Products MAX2091 Datasheet HTML 22Page - Maxim Integrated Products MAX2091 Datasheet HTML 23Page - Maxim Integrated Products MAX2091 Datasheet HTML 24Page - Maxim Integrated Products MAX2091 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz
Upconverting Mixer with Image Filtering, Threshold
Alarm Circuit, and Error Amplifier for Level Control
MAX2091
Typical Operating Characteristics (continued)
(Typical Application Circuit configured for Full Cascade with interstage attenuator network (IF_IN to RF_OUT), analog attenuator
set to maximum gain (VPLVLSET = 2.5V), VCC = 5.5V, TC = +25NC, fIF_IN = 350MHz, PIF_IN = -25dBm, fLO= 1485MHz, PLO = -7dBm, fRF
= fIF_IN + fLO, RSOURCE = RLOAD = 50I, CTRL1 = 1 CTRL2 = 0, ALM_THRES = ALM = open, unless otherwise noted.)
2RF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
70
60
80
90
50
200
500
TC = -40°C, +25°C, +95°C
2RF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
70
60
80
90
50
200
500
PLO = -10dBm, -7dBm, -4dBm
MEASUREMENT NOISE FLOOR APPROX 82dBc
2RF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
70
60
80
90
50
200
500
VCC = 5.50V
VCC = 5.25V
VCC = 5.00V
VCC = 4.75V
MEASUREMENT NOISE FLOOR APPROX 82dBc
3RF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
80
70
90
100
60
200
500
MEASUREMENT NOISE FLOOR APPROX 82dBc
TC = -40°C
TC = +95°C
TC = +25°C
IF-TO-RF ISOLATION vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
35
30
40
45
25
200
500
TC = -40°C
TC = +95°C
TC = +25°C
3RF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
80
70
90
100
60
200
500
MEASUREMENT NOISE FLOOR APPROX 82dBc
PLO = -10dBm, -7dBm, -4dBm
IF-TO-RF ISOLATION vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
35
30
40
45
25
200
500
PLO = -4dBm
PLO = -10dBm
PLO = -7dBm
3RF AT RF PORT vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
80
70
90
100
60
200
500
MEASUREMENT NOISE FLOOR APPROX 82dBc
VCC = 4.75V
VCC = 5.50V
VCC = 5.00V
VCC = 5.25V
IF-TO-RF ISOLATION vs. IF FREQUENCY
IF FREQUENCY (MHz)
300
400
35
30
40
45
25
200
500
VCC = 4.75V, 5.00V, 5.25V, 5.50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com