Electronic Components Datasheet Search
  English  ▼

X  

MAX2091 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2091
Description  50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2091 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2091 Datasheet HTML 1Page - Maxim Integrated Products MAX2091 Datasheet HTML 2Page - Maxim Integrated Products MAX2091 Datasheet HTML 3Page - Maxim Integrated Products MAX2091 Datasheet HTML 4Page - Maxim Integrated Products MAX2091 Datasheet HTML 5Page - Maxim Integrated Products MAX2091 Datasheet HTML 6Page - Maxim Integrated Products MAX2091 Datasheet HTML 7Page - Maxim Integrated Products MAX2091 Datasheet HTML 8Page - Maxim Integrated Products MAX2091 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz
Upconverting Mixer with Image Filtering, Threshold
Alarm Circuit, and Error Amplifier for Level Control
MAX2091
3
AC ELECTRICAL CHARACTERISTICS
(Typical Application Circuit with analog attenuator set to maximum gain, VCC = 4.75V to 5.8V, fRF = 1835MHz, fLO = 1485MHz,
fIF = 350MHz, fRF = fLO + fIF, PLO = -10dBm to -4dBm, TC = -40°C to +95°C, and IF_IN, LO+, and RF_OUT ports are connected
to 50ω sources and loads, unless otherwise noted. Typical values are at TC = +25°C, VCC = 5.5V, PLO = -7dBm, PIF = -25dBm,
VPLVLSET = 2.5V, CTRL1 = logic 1, CTRL2 = logic 0. Min/max specifications apply over supply, process, and temperature, unless
otherwise noted. (Notes 5, 7, 8)
RECOMMENDED AC OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
RF Frequency
fRF
(Note 6)
1685
1985
MHz
LO Frequency
fLO
(Note 6)
1185
1485
2485
MHz
IF_IN Frequency
fIF_IN
(Note 6)
50
500
MHz
MIX_IN Frequency
fMIX_IN
(Note 6)
100
500
MHz
LO Power
PLO
-10
-4
dBm
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VGA + 2.5dB PAD + MIXER CASCADE
Small-Signal Gain
G
20
23
26
dB
Gain vs. Temperature
-0.016
dB/C
Gain Variation vs. Frequency
(Note 9)
1835MHz Q 50MHz
0.25
dB
1835MHz Q 80MHz
0.4
1835MHz Q 100MHz
0.6
Noise Figure
NF
5.4
dB
Total Attenuation Range
VPLVLSET = 0.2V to 2.5V
35
37
dB
Group-Delay Variation
Within Q50MHz
133
ps
Within Q80MHz
220
Within Q100MHz
285
Spurious Response
LO + 2IF, PRF_OUT = -2dBm
60
dBc
LO - 2IF, PRF_OUT = -2dBm
70
LO + 3IF, PRF_OUT = -2dBm
67
LO - 3IF, PRF_OUT = -2dBm
77
Output Third-Order Intercept
Point
OIP3
PRF_OUT = -2dBm/tone,
fRF2 - fRF1 = 1MHz
24.5
dBm
Output -1dB Compression Point
P1dB
12
dBm
LO Leakage at IF_IN
-60
dBm
IF_IN Return Loss
21
dB
fIF = 140MHz
17.5
LO+ Port Return Loss
24
dB
RF_OUT Return Loss
19.6
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com