Electronic Components Datasheet Search
  English  ▼

X  

MAX2091 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2091
Description  50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer with Image Filtering, Threshold Alarm Circuit, and Error Amplifier for Level Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2091 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2091 Datasheet HTML 1Page - Maxim Integrated Products MAX2091 Datasheet HTML 2Page - Maxim Integrated Products MAX2091 Datasheet HTML 3Page - Maxim Integrated Products MAX2091 Datasheet HTML 4Page - Maxim Integrated Products MAX2091 Datasheet HTML 5Page - Maxim Integrated Products MAX2091 Datasheet HTML 6Page - Maxim Integrated Products MAX2091 Datasheet HTML 7Page - Maxim Integrated Products MAX2091 Datasheet HTML 8Page - Maxim Integrated Products MAX2091 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz
Upconverting Mixer with Image Filtering, Threshold
Alarm Circuit, and Error Amplifier for Level Control
MAX2091
4
AC ELECTRICAL CHARACTERISTICS (continued)
(Typical Application Circuit with analog attenuator set to maximum gain, VCC = 4.75V to 5.8V, fRF = 1835MHz, fLO = 1485MHz,
fIF = 350MHz, fRF = fLO + fIF, PLO = -10dBm to -4dBm, TC = -40°C to +95°C, and IF_IN, LO+, and RF_OUT ports are connected
to 50ω sources and loads, unless otherwise noted. Typical values are at TC = +25°C, VCC = 5.5V, PLO = -7dBm, PIF = -25dBm,
VPLVLSET = 2.5V, CTRL1 = logic 1, CTRL2 = logic 0. Min/max specifications apply over supply, process, and temperature, unless
otherwise noted. (Notes 5, 7, 8)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IF VGA (ATTENUATOR + AMPLIFIER)
Small-Signal Gain
23.5
26
27.5
dB
Noise Figure
4.0
dB
Output Third-Order
Intercept Point
OIP3
Up to 30dB attenuation,
PIF_OUT = 0dBm/tone, fRF2 - fRF1 = 1MHz
38.8
dBm
Output Second-Order
Intercept Point
OIP2
PIF_OUT = 0dBm/tone,
fRF2 - fRF1 = 1MHz
57.4
dBm
Output Second Harmonic
PIF_OUT = 0dBm
64.5
dBc
Output Third Harmonic
PIF_OUT = 0dBm
80.0
dBc
Output -1dB Compression Point
P1dB
17.6
dBm
Average Gain-Control Slope
VPLVLSET = 0.5V to 2.0V
16.5
19.5
23.0
dB/V
Maximum Gain-Control Slope
VPLVLSET = 0V to 2.5V
25
dB/V
VGA Reverse Isolation
35
dB
Attenuator Response Time
PIF_IN = -15dBm, VPLVLSET = 2.5V to
1.2V, output settled to within Q0.5dB of
final value
330
ns
PIF_IN = -15dBm, VPLVLSET = 1.2V to
2.5V, output settled to within Q0.5dB of
final value
220
Insertion Phase Change
VPLVLSET = 2.5V to 0V
11.4
Degrees
MIXER WITH IMAGE REJECT FILTER
Conversion Gain
G
-2.2
-0.5
1.5
dB
SSB Noise Figure
NF
17.1
dB
Output Third-Order Intercept
Point
OIP3
24.7
dBm
Output -1dB Compression Point
P1dB
12.2
dBm
Image Rejection
fIF = 350MHz Q 50MHz
15
20
dB
LO Leakage at RF_OUT
-41
dBm
2LO Leakage at RF_OUT
-35
dBm
Second Harmonic
HD2
PRF_OUT = -2dBm
65
dBc
Third Harmonic
HD3
PRF_OUT = -2dBm
77.5
dBc
3LO + IF Spur
PRF_OUT = -2dBm
33
dBc
MIX_IN Return Loss
22
dB
LO+ Port Return Loss
24
dB
RF_OUT Return Loss
20
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com