Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 113 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 113 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 109Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 110Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 111Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 112Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 113Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 114Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 115Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 116Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 117Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 159 page
background image
Analog Integrated Circuit Device Data
113
Freescale Semiconductor
MC34708
Functional Block Description
7.10.2 Specific Registers
7.10.2.1 IC and Version Identification
The IC and other version details can be read via the identification bits. These are hardwired on the chip and described in
Table 102.
7.10.2.2 Embedded Memory
There are four register banks of general purpose embedded memory to store critical data. The data written to MEMA[23:0],
MEMB[23:0], MEMC[23:0], and MEMD[23:0] is maintained by the coin cell when the main battery is deeply discharged, removed,
or contact-bounced (i.e., during a power cut). The contents of the embedded memory are reset by RTCPORB. A known pattern
can be maintained in these registers to validate confidence in the RTC contents when power is restored after a power cut event.
Alternatively, the banks can be used for any system need for bit retention with coin cell backup.
9
Reserved
25
Regulator 2 & 3 Voltage
41
Unused
57
Unused
10
Reserved
26
Regulator 4 A/B Voltage
42
Unused
58
Unused
11
Reserved
27
Regulator 5 Voltage
43
ADC 0
59
Unused
12
Unused
28
Regulator 1 & 2 Mode
44
ADC 1
60
Unused
13
Power Control 0
29
Regulator 3, 4 and 5 Mode
45
ADC 2
61
Unused
14
Power Control 1
30
Regulator Setting 0
46
ADC 3
62
Unused
15
Power Control 2
31
SWBST Control
47
ADC4
63
Unused
Table 102. IC Revision Bit Assignment
Identifier
Value
Purpose
FULL_LAYER_REV[2:0]
XXX Represents the full layer revision
• Pass 2.4 = 010
METAL_LAYER_REV[2:0]
XXX Represents the metal layer revision
• Pass 2.4 = 100
FIN[2:0]
000
FIN version
• Pass 2.4 = 000
FAB[2:0]
000
FAB Version
• Pass 2.4 = 000
Table 101. Register Set
Register
Register
Register
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com