Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 114 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 114 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 110Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 111Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 112Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 113Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 114Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 115Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 116Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 117Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 118Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
114
MC34708
Functional Block Description
7.10.3 SPI/I2C Register Map
The complete SPI bitmap is given in Table 103.
Table 103. SPI/I2C Register Map Legend
Register Types
Register Values
Reset
R/W
Read / Write
0 = low
Bits Loaded at Cold Start based on PUMS Value
R/WM
Read / Write Modify
1 = High
Bits Reset by POR or Global Reset
W1C
Write One to Clear
X = Variable
RESETB / Bits Reset by POR or Global
RO
Read Only
Bits Reset by RTCPORB or Global Reset
NU
Not Used
Bits Reset by POR or OFFB
Bits Reset by RTCPORB Only
MUSBRST
Table 104. SPI/I2C Register Map
Address
Register
Name
Type
Default
MC34708 SPI Register Map
0
Interrupt
Status 0
Table 105
W1C
h00_00_00
23
22
21
20
19
18
17
16
STUCK_KEY_RCV
STUCK_KEY
ADC_CHANGE
UNKNOWN_
ATTA
LKR
LKP
KP
DETACH
15
14
13
12
11
10
9
8
ATTACH
-
LOWBATT
-
-
-
-
-
7
6
5
4
3
2
1
0
-
-
USBOVP
-
USBDET
TSPENDET
TSDONEI
ADCDONEI
1
Interrupt
Mask 0
Table 106
R/W
hFF_FF_FF
23
22
21
20
19
18
17
16
STUCK_KEY_RCV_
M
STUCK_KEY_M
ADC_CHANGE_
M
UNKNOWN_
ATTA_M
LKR_M
LKP_M
KP_M
DETACH_M
15
14
13
12
11
10
9
8
ATTACH_M
-
LOWBATTM
-
-
-
-
-
7
6
5
4
3
2
1
0
-
-
USBOVPM
-
USBDETM
TSPENDETM
TSDONEM
ADCDONEM
2
Interrupt
Sense 0
Table 107
RO
h00_00_00
23
22
21
20
19
18
17
16
-
-
MUSB_ADC_
STATUS
ID_GNDS
ID_FLOATS
ID_DET_ENDS
VBUS_DET_
ENDS
-
15
14
13
12
11
10
9
8
-
-
-
-
-
-
-
-
7
6
5
4
3
2
1
0
-
-
USBOVPS
-
USBDETS
-
-
-
3
Interrupt
Status 1
Table 108
W1C
h00_00_00
23
22
21
20
19
18
17
16
-
-
-
GPIOLV3I
GPIOLV2I
GPIOLV1I
GPIOLV0I
SCPI
15
14
13
12
11
10
9
8
CLKI
THERM130
THERM125
THERM120
THERM110
MEMHLDI
WARMI
PCI
7
6
5
4
3
2
1
0
RTCRSTI
SYSRSTI
WDIRESTI
PWRON2I
PWRON1I
-
TODAI
1HZI
4
Interrupt
Mask 1
Table 109
R/W
h5F_77_FB
23
22
21
20
19
18
17
16
-
-
-
GPIOLV3M
GPIOLV2M
GPIOLV1M
GPIOLV0M
SCPM
15
14
13
12
11
10
9
8
CLKM
THERM130M
THERM125M
THERM120M
THERM110M
MEMHLDM
WARMM
PCM
7
6
5
4
3
2
1
0
RTCRSTM
SYSRSTM
WDIRESTM
PWRON2M
PWRON1M
-
TODAM
1HZM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com