Electronic Components Datasheet Search
  English  ▼

X  

MC34708 Datasheet(PDF) 118 Page - Freescale Semiconductor, Inc

Part # MC34708
Description  Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34708 Datasheet(HTML) 118 Page - Freescale Semiconductor, Inc

Back Button MC34708 Datasheet HTML 114Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 115Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 116Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 117Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 118Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 119Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 120Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 121Page - Freescale Semiconductor, Inc MC34708 Datasheet HTML 122Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 159 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
118
MC34708
Functional Block Description
31
SWBST
Control
Table 136
R/WM h00_00_XX
23
22
21
20
19
18
17
16
-
-
-
-
-
-
-
-
15
14
13
12
11
10
9
8
-
-
-
-
-
-
-
-
7
6
5
4
3
2
1
0
SPARE
SWBSTSTBYMODE[1:0]
SPARE
SWBSTMODE[1:0]
SWBST[1:0]
32
Regulator
Mode 0
Table 137
R/WM h0X_XX_XX
23
22
21
20
19
18
17
16
-
-
-
VUSB2MODE
VUSB2STBY
VUSB2EN
VUSB2CONFIG
VPLLSTBY
15
14
13
12
11
10
9
8
VPLLEN
VGEN2MODE
VGEN2STBY
VGEN2EN
VGEN2CONFIG VREFDDREN
-
-
7
6
5
4
3
2
1
0
RSVD
VDACMODE
VDACSTBY
VDACEN
VUSBEN
VUSBSEL
VGEN1STBY
VGEN1EN
33
GPIOLV0
Control
Table 138
R/W
h00_18_0A
23
22
21
20
19
18
17
16
-
-
-
-
-
-
-
SPARE
15
14
13
12
11
10
9
8
SRE1
SRE0
PUS1
PUS0
PUE
DSE
ODE
PKE
7
6
5
4
3
2
1
0
INT1
INT0
DBNC1
DBNC0
HYS
DOUT
DIN
DIR
34
GPIOLV1
Control
Table 139
R/W
h00_18_0A
23
22
21
20
19
18
17
16
-
-
-
-
-
-
-
SPARE
15
14
13
12
11
10
9
8
SRE1
SRE0
PUS1
PUS0
PUE
DSE
ODE
PKE
7
6
5
4
3
2
1
0
INT1
INT0
DBNC1
DBNC0
HYS
DOUT
DIN
DIR
35
GPIOLV2
Control
Table 140
R/W
h00_18_0A
23
22
21
20
19
18
17
16
-
-
-
-
-
-
-
SPARE
15
14
13
12
11
10
9
8
SRE1
SRE0
PUS1
PUS0
PUE
DSE
ODE
PKE
7
6
5
4
3
2
1
0
INT1
INT0
DBNC1
DBNC0
HYS
DOUT
DIN
DIR
36
GPIOLV3
Control
Table 141
R/W
h00_18_0A
23
22
21
20
19
18
17
16
-
-
-
-
-
-
-
SPARE
15
14
13
12
11
10
9
8
SRE1
SRE0
PUS1
PUS0
PUE
DSE
ODE
PKE
7
6
5
4
3
2
1
0
INT1
INT0
DBNC1
DBNC0
HYS
DOUT
DIN
DIR
37
USB Timing
Table 142
R/W hXX_XX_XX
23
22
21
20
19
18
17
16
READVALID
-
-
-
TD[3:0]
15
14
13
12
11
10
9
8
SWITCHING_WAIT[3:0]
Long_KEY_PRESS[3:0]
7
6
5
4
3
2
1
0
KEY_PRESS[3:0]
DEVICE_WAKE_UP[3:0]
38
USB Button
Table 143
R/C
hXX_XX_XX
23
22
21
20
19
18
17
16
-
-
-
-
-
-
-
-
15
14
13
12
11
10
9
8
-
UNKNOWN
Error
S12
S11
S10
S9
S8
7
6
5
4
3
2
1
0
S7
S6
S5
S4
S3
S2
S1
S0
Table 104. SPI/I2C Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com