Electronic Components Datasheet Search
  English  ▼

X  

MMA8652FC Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 77 page
background image
MMA8652FC
Sensors
24
Freescale Semiconductor, Inc.
6.3
Register summary
Table 13. MMA8652FC register summary
Reg
Name
Definition
Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
STATUS/F_STATUS
Data Status R
R
ZYXOW
ZOW
YOW
XOW
ZYXDR
ZDR
YDR
XDR
01
OUT_X_MSB
12-bit X Data R
R
XD11
XD10
XD9
XD8
XD7
XD6
XD5
XD4
02
OUT_X_LSB
12-bit X Data R
R
XD3
XD2
XD1
XD0
0
0
0
0
03
OUT_Y_MSB
12-bit Y Data R
R
YD11
YD10
YD9
YD8
YD7
YD6
YD5
YD4
04
OUT_Y_LSB
12-bit Y Data R
R
YD3
YD2
YD1
YD0
0
0
0
05
OUT_Z_MSB
12-bit Z Data R
R
ZD11
ZD10
ZD9
ZD8
ZD7
ZD6
ZD5
ZD4
06
OUT_Z_LSB
12-bit Z Data R
R
ZD3
ZD2
ZD1
ZD0
0
0
0
0
09
F_SETUP
FIFO Setup R/W
R/W
F_MODE1
F_MODE0
F_WMRK5
F_WMRK4
F_WMRK3
F_WMRK2
F_WMRK1
F_WMRK0
0A
TRIG_CFG
FIFO Triggers R/W
R/W
—
—
Trig_TRANS
Trig_LNDPRT
Trig_PULSE
Trig_FF_MT
—
—
0B
SYSMOD
System mode R
R
FGERR
FGT_4
FGT_3
FGT_2
FGT_1
FGT_0
SYSMOD1
SYSMOD0
0C
INT_SOURCE
Interrupt Status R
R
SRC_ASLP
SRC_FIFO
SRC_TRANS
SRC_LNDPRT
SRC_PULSE
SRC_FF_MT
—
SRC_DRDY
0D
WHO_AM_I
ID Register R
R
0
1
0
0
1
0
1
0
0E
XYZ_DATA_CFG
Data Config R/W
R/W
—
—
—
HPF_Out
—
—
FS1
FS0
0F
HP_FILTER_CUTOFF
HP Filter Setting R/W
R/W
—
—
Pulse_HPF_BYP
Pulse_LPF_EN
—
—
SEL1
SEL0
10
PL_STATUS
PL Status R
R
NEWLP
LO
—
—
—
LAPO[1]
LAPO[0]
BAFRO
11
PL_CFG
PL Configuration R/W
R/W
DBCNTM
PL_EN
—
—
—
—
—
—
12
PL_COUNT
PL DEBOUNCE R/W
R/W
DBNCE[7]
DBNCE[6]
DBNCE[5]
DBNCE[4]
DBNCE[3]
DBNCE[2]
DBNCE[1]
DBNCE[0]
13
PL_BF_ZCOMP
PL Back/Front Z Comp
R/W
R/W
BKFR[1]
BKFR[0]
—
—
—
ZLOCK[2]
ZLOCK[1]
ZLOCK[0]
14
P_L_THS_REG
PL THRESHOLD R/W
R/W
P_L_THS[4]
P_L_THS[3]
P_L_THS[2]
P_L_THS[1]
P_L_THS[0]
HYS[2]
HYS[1]
HYS[0]
15
FF_MT_CFG
Freefall/Motion Config
R/W
R/W
ELE
OAE
ZEFE
YEFE
XEFE
—
—
—
16
FF_MT_SRC
Freefall/Motion Source
R
R
EA
—
ZHE
ZHP
YHE
YHP
XHE
XHP
17
FF_MT_THS
Freefall/Motion Threshold
R/W
R/W
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
18
FF_MT_COUNT
Freefall/Motion Debounce
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
1D
TRANSIENT_CFG
Transient Config R/W
R/W
—
—
—
ELE
ZTEFE
YTEFE
XTEFE
HPF_BYP
1E
TRANSIENT_SRC
Transient Source R
R
—
EA
ZTRANSE
Z_Trans_Pol
YTRANSE
Y_Trans_Pol
XTRANSE
X_Trans_Pol
1F
TRANSIENT_THS
Transient Threshold R/W
R/W
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
20
TRANSIENT_COUNT
Transient Debounce
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
21
PULSE_CFG
Pulse Config R/W
R/W
DPA
ELE
ZDPEFE
ZSPEFE
YDPEFE
YSPEFE
XDPEFE
XSPEFE
22
PULSE_SRC
Pulse Source R
R
EA
AxZ
AxY
AxX
DPE
Pol_Z
Pol_Y
Pol_X
23
PULSE_THSX
Pulse X Threshold R/W
R/W
—
THSX6
THSX5
THSX4
THSX3
THSX2
THSX1
THSX0
24
PULSE_THSY
Pulse Y Threshold R/W
R/W
—
THSY6
THSY5
THSY4
THSY3
THSY2
THSY1
THSY0
25
PULSE_THSZ
Pulse Z Threshold R/W
R/W
—
THSZ6
THSZ5
THSZ4
THSZ3
THSZ2
THSZ1
THSZ0
26
PULSE_TMLT
Pulse First Timer R/W
R/W
TMLT7
TMLT6
TMLT5
TMLT4
TMLT3
TMLT2
TMLT1
TMLT0
27
PULSE_LTCY
Pulse Latency R/W
R/W
LTCY7
LTCY6
LTCY5
LTCY4
LTCY3
LTCY2
LTCY1
LTCY0
28
PULSE_WIND
Pulse 2nd Window
R/W
R/W
WIND7
WIND6
WIND5
WIND4
WIND3
WIND2
WIND1
WIND0
29
ASLP_COUNT
Auto-SLEEP Counter
R/W
R/W
D7
D6
D5
D4
D3
D2
D1
D0
2A
CTRL_REG1
Control Reg1 R/W
R/W
ASLP_RATE1
ASLP_RATE0
DR2
DR1
DR0
—
F_READ
ACTIVE
2B
CTRL_REG2
Control Reg2 R/W
R/W
ST
RST
—
SMODS1
SMODS0
SLPE
MODS1
MODS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com