Electronic Components Datasheet Search
  English  ▼

X  

MMA8652FC Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 30Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 31Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 32Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 33Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
31
6.5.3
0x0A: TRIG_CFG Trigger Configuration register
The Trigger Configuration register configures which interrupt(s) may trigger the FIFO.
Register quick jump table
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
—
—
Trig_TRANS
Trig_LNDPRT
Trig_PULSE
Trig_FF_MT
—
—
Figure 24. 0x0A: TRIG_CFG Trigger Configuration register (Read/Write)
Table 18. Trigger Configuration register
Bit(s)
Field
Description
Default
value
Notes
5
Trig_TRANS
Transient Interrupt Trigger
0
• These trigger bits set are rising-edge sensitive, and are set by a
low-to-high state change.
• Trigger bits are reset by reading the appropriate source register.
1 This function can trigger the FIFO at its (the function’s) interrupt
0 This function has not asserted its interrupt.
4
Trig_LNDPRT
Landscape/Portrait
Orientation Interrupt
Trigger
0
3
Trig_PULSE
Pulse Interrupt Trigger
0
2
Trig_FF_MT
Freefall/Motion Trigger
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com