Electronic Components Datasheet Search
  English  ▼

X  

MMA8652FC Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 34Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 35Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 36Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 37Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 38Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 39Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 40Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 41Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
MMA8652FC
Sensors
38
Freescale Semiconductor, Inc.
6.8
Portrait/Landscape configuration and status registers
For more information about the different user-configurable settings and example code, see application note AN4083, Data
Manipulation and Basic Settings for Xtrinsic MMA865xFC Accelerometers.
6.8.1
0x10: PL_STATUS Portrait/Landscape Status register
To get updated information on any change in orientation, read the Portrait/Landscape Status register (read Bit 7, or read the other
bits for more orientation data). For more about Portrait Up, Portrait Down, Landscape Left, Landscape Right, Back, and Front
orientations, see Figure 3. The interrupt is cleared when reading the PL_STATUS register.
Register quick jump table
•
The orientation mechanism state change is limited to a maximum 1.25g.
The current position is locked if the absolute value of the acceleration experienced on any of the three axes is greater than
1.25g.
•
LAPO, BAFRO, and LO continue to change when NEWLP is set.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NEWLP
LO
—
—
—
LAPO[1]
LAPO[0]
BAFRO
Figure 30. 0x10 PL_STATUS Register (Read-Only)
Table 25. PL_STATUS register
Bit(s)
Field
Description
7NEWLP
Landscape/Portrait status change flag
• NEWLP is set to 1 after the first orientation detection after a STANDBY-to-ACTIVE transition, and whenever a
change in LO, BAFRO, or LAPO occurs.
• NEWLP bit is cleared anytime PL_STATUS register is read.
0 No change (default)
1 BAFRO and/or LAPO and/or Z-Tilt lockout value has changed
6LO
Z-Tilt Angle Lockout
0 Lockout condition has not been detected (default)
1 Z-Tilt lockout trip angle has been exceeded.
Lockout has been detected.
2–1
LAPO[1:0](1)
1. The default power-up state is BAFRO = 0, LAPO = 00, and LO = 0.
Landscape/Portrait orientation
00 Portrait Up: Equipment standing vertically in the normal orientation (default)
01 Portrait Down: Equipment standing vertically in the inverted orientation
10 Landscape Right: Equipment is in landscape mode to the right
11 Landscape Left: Equipment is in landscape mode to the left.
0BAFRO
Back or Front orientation
0 Front: Equipment is in the front-facing orientation (default)
1 Back: Equipment is in the back-facing orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com