Electronic Components Datasheet Search
  English  ▼

X  

MMA8652FC Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 62Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 63Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 64Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 65Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 66Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 67Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 68Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 69Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
MMA8652FC
Sensors
66
Freescale Semiconductor, Inc.
6.13.4
0x2D: CTRL_REG4 Interrupt Enable register (Read/Write)
CTRL_REG4 register enables the following interrupts: Auto-WAKE/SLEEP, Orientation Detection, Freefall/Motion, and Data
Ready.
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INT_EN_ASLP
INT_EN_FIFO
INT_EN_TRANS
INT_EN_LNDPRT INT_EN_PULSE INT_EN_FF_MT
0
INT_EN_DRDY
Figure 57. 0x2D CTRL_REG4 Interrupt Enable register (Read/Write)
Table 70. CTRL_REG4 register
Bit(s)
Field
Description
7
INT_EN_ASLP
Auto-SLEEP/WAKE Interrupt Enable
0 interrupt is disabled (default)
1 interrupt is enabled
Note: The corresponding functional block interrupt
enable bit enables the functional block to route
its event detection flags to the system’s interrupt
controller. The interrupt controller routes the
enabled functional block interrupt to the INT1 or
INT2 pin.
6INT_EN_FIFO
FIFO Interrupt Enable
5INT_EN_TRANS
Transient Interrupt Enable
4
INT_EN_LNDPRT
Orientation (Landscape/Portrait) Interrupt Enable
3
INT_EN_PULSE
Pulse Detection Interrupt Enable
2
INT_EN_FF_MT
Freefall/Motion Interrupt Enable
0
INT_EN_DRDY
Data Ready Interrupt Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com