Electronic Components Datasheet Search
  English  ▼

X  

MMA8652FC Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 51Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 52Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 53Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 54Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
MMA8652FC
Sensors
Freescale Semiconductor, Inc.
51
6.10.3
0x1F TRANSIENT_THS register
The Transient Threshold register sets the threshold limit for the detection of the transient acceleration. The value in the
TRANSIENT_THS register corresponds to a g value, which is compared against the values of high-pass filtered data. If the high-
pass filtered acceleration value exceeds the threshold limit, an event flag is raised and the interrupt is generated (if enabled).
Register quick jump table
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DBCNTM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Figure 43. 0x1F TRANSIENT_THS register (Read/Write)
Table 42. TRANSIENT_THS register
Bit(s)
Field
Description
Notes
7DBCNTM
Debounce counter mode selection
0 Increments or decrements debounce (default)
1 Increments or clears counter
6–0
THS[6:0]
Transient Threshold
A 7-bit unsigned number, with 0.063g/LSB.
The maximum threshold is 8g.
000_0000 (default)
Even if the part is set to full scale at 2g (or 4g), this function
will still operate up to 8g.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com