Electronic Components Datasheet Search
  English  ▼

X  

MMA8652FC Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 25Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 26Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 27Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 28Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 29Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
MMA8652FC
Sensors
26
Freescale Semiconductor, Inc.
6.4
Data registers
The following are the data registers for the MMA8652FC device. For more information about data manipulation in the
MMA8652FC, see application note AN4083, Data Manipulation and Basic Settings for Xtrinsic MMA865xFC Accelerometers.
•
When the F_MODE bits (F_SETUP register 0x09, bit 6 and 7) are cleared, the FIFO is not ON. Register 0x00 reflects the
real-time status information of the X, Y and Z sample data.
•
When the F_MODE value is greater than zero, then the FIFO is ON (in either Fill, Circular, or Trigger mode). In this case,
register 0x00 will reflect the status of the FIFO. It is expected that when the FIFO is ON, the user will access the data from
register 0x01 (X_MSB) for either the 12-bit or 8-bit data.
•
When accessing the 8-bit data, the F_READ bit (register 0x2A) is set, which modifies the auto-incrementing to skip over the
LSB data.
•
When the F_READ bit is cleared, the 12-bit data is read, accessing all 6 bytes sequentially (X_MSB, X_LSB, Y_MSB,
Y_LSB, Z_MSB, Z_LSB).
6.4.1
0x00: STATUS Data Status register (F_MODE = 00)
When F_MODE = 0, register 0x00 reflects the real-time status information of the X, Y and Z sample data; it contains the X, Y, and
Z data overwrite and data ready flag.
Register quick jump table
Bit 7
Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0
ZYXOW
ZOW
YOW
XOW
ZYXDR
ZDR
YDR
XDR
Figure 15. F_MODE = 00: 0x00 STATUS: Data Status register (Read-Only)
Table 14. STATUS register bits
Bit(s)
Field
Description
Notes
7ZYXOW
X, Y, Z-axis data overwrite
• Set whenever a new acceleration data is produced before completing the retrieval of the previous set.
This event occurs when the content of at least one acceleration data register (i.e., OUT_X, OUT_Y, OUT_Z) has been
overwritten.
• Cleared when the high bytes of the acceleration data (OUT_X_MSB, OUT_Y_MSB, OUT_Z_MSB) of all the channels are
read.
0 No data overwrite has occurred (default)
1 Previous X, Y, or Z data was overwritten by new X, Y, or Z data before it (the previous X, Y, or Z data) was read
6ZOW
Z-axis data overwrite
For # = Z, Y, or X:
• Set whenever a new acceleration sample related to
the #-axis is generated before the retrieval of the
previous sample. When this occurs, the previous
sample is overwritten.
• Cleared whenever the OUT_#_MSB register is read.
0 No data overwrite has occurred (default)
1 Previous Z-axis data was overwritten by new #-axis
data before it (the previous #-axis data) was read
5YOW
Y-axis data overwrite
4XOW
X-axis data overwrite
3ZYXDR
X, Y, Z-axis new data ready
• Set when a new sample for any of the enabled channels is available.
• Cleared when the high-bytes of the acceleration data (OUT_X_MSB, OUT_Y_MSB, OUT_Z_MSB) of all the channels
are read.
0 No new set of data ready (default)
1 A new set of data is ready
2ZDR
Z-axis new data available
For # = Z, Y, or X
• Set whenever a new acceleration sample related to
the #-axis is generated.
• Cleared whenever the OUT_#_MSB register is read.
0 No new #-axis data ready (default)
1New #-axis data is ready
1YDR
Y-axis new data available
0XDR
X-axis new data available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com