Electronic Components Datasheet Search
  English  ▼

X  

MMA8652FC Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MMA8652FC
Description  Xtrinsic MMA8652FC 3-Axis, 12-bit Digital Accelerometer
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8652FC Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MMA8652FC Datasheet HTML 46Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 47Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 48Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 49Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 50Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 51Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 52Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 53Page - Freescale Semiconductor, Inc MMA8652FC Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
MMA8652FC
Sensors
50
Freescale Semiconductor, Inc.
6.10.2
0x1E TRANSIENT_SRC register
The transient source register provides the status of the enabled axes and the polarity (directional) information. When the
TRANSIENT_SRC register is read, it clears the interrupt for the transient detection.
When new events arrive while EA = 1, additional *TRANSE bits may get set, and the corresponding *_Trans_Pol flag become
updated. However no *TRANSE bit may get cleared before the TRANSIENT_SRC register is read.
Register quick jump table
•
When the EA bit gets set while ELE = 1, all other status bits get frozen at their current state.
•
By reading the TRANSIENT_SRC register, all bits get cleared.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
—
EA
ZTRANSE
Z_Trans_Pol
YTRANSE
Y_Trans_Pol
XTRANSE
X_Trans_Pol
Figure 42. 0x1E TRANSIENT_SRC register (Read-Only)
Table 41. TRANSIENT_SRC register
Bit(s)
Field
Description
6EA
Event Active Flag
0 No event flag has been asserted (default)
1 One or more event flags has been asserted.
5
ZTRANSE
Z transient event
0 No interrupt (default)
1 Z transient acceleration greater than the value of TRANSIENT_THS event has occurred
4
Z_Trans_Pol
Polarity of Z Transient Event that triggered the interrupt
0 Z event was positive g (default)
1 Z event was negative g
3YTRANSE
Y transient event
0 No interrupt (default)
1 Y transient acceleration greater than the value of TRANSIENT_THS event has occurred
2
Y_Trans_Pol
Polarity of Y Transient Event that triggered the interrupt
0 Y event was Positive g (default)
1 Y event was Negative g
1XTRANSE
X transient event
0 No interrupt (default)
1 X transient acceleration greater than the value of TRANSIENT_THS event has occurred
0
X_Trans_Pol
Polarity of X Transient Event that triggered the interrupt
0 X event was Positive g (default)
1 X event was Negative g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com