Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP짰 Digital Controller for the DLP3000 DMD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 16 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 12Page - Texas Instruments DLPC300ZVB Datasheet HTML 13Page - Texas Instruments DLPC300ZVB Datasheet HTML 14Page - Texas Instruments DLPC300ZVB Datasheet HTML 15Page - Texas Instruments DLPC300ZVB Datasheet HTML 16Page - Texas Instruments DLPC300ZVB Datasheet HTML 17Page - Texas Instruments DLPC300ZVB Datasheet HTML 18Page - Texas Instruments DLPC300ZVB Datasheet HTML 19Page - Texas Instruments DLPC300ZVB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
DLPC300
DLPS023A – JANUARY 2012 – REVISED JULY 2012
www.ti.com
Table 3. Functional Pin Descriptions (continued)
TERMINAL
I/O
I/O
CLK
DESCRIPTION
POWER
TYPE
SYSTEM
NAME
NO.
BOARD LEVEL TEST AND DEBUG
JTAGTDI
P6
VCC18
I1
JTAGTCK
JTAG, serial data in. Includes weak internal pullup
JTAGTCK
N5
VCC18
I1
N/A
JTAG, serial data clock. Includes weak internal pullup
JTAGTMS
N7
VCC18
I1
JTAGTCK
JTAG, test mode select. Includes weak internal pullup
JTAGTDO
R7
VCC18
I14
JTAGTCK
JTAG, serial data out
JTAG, RESET (active-low). Includes weak internal pullup.
JTAGRSTZ
P8
VCC18
I1
ASYNC
This signal must be tied to ground, through an external
15-k
Ω or less resistor for normal operation.
Power and Ground Pins
Power and ground connections to the DLPC300 are made up of the groupings shown in Table 4.
Table 4. Power and Ground Pin Descriptions(1)
POWER
PIN NUMBER(S)
DESCRIPTION
GROUP
D5, D9, F4, F12, J4,
VDD10
1-V core logic power supply (9)
J12, M6, M8, M11
VDD_PLL
H12
1-V power supply for the internal PLL (1)
C4, D8, E4, G3, K3,
1.8-V power supply for all I/O other than the host/ video
VCC18
K12, L4, M5, M9, M12,
interface and the SPI flash buses. (12)
N4, N12
VCC_FLSH
D6
1.8- , 2.5- or 3.3-V power supply for SPI flash bus I/O. (1)
1.8- , 2.5- or 3.3-V power supply for all I/Os on the host/video
VCC_INTF
D11, E12
interface (includes I2C, PDATA, video syncs, PARK and
LED_ENABLE pins) (2)
D4, D7, D10, D12, G4,
GND
G12, H4, K4, L12, M4,
Common ground (12)
M7, M10
Analog ground return for the PLL (This should be connected to
RTN_PLL
J13
the common ground GND through a ferrite (1)
B10, C2, C3, C6, N2,
No connects. Other signals can be routed through these pins
Reserved
N3
(vs going around them) to ease routing if desired (6).
(1)
132 total signal I/O pins, 38 total power/ground pins, 6 total reserved pins
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com