Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP짰 Digital Controller for the DLP3000 DMD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 35 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 31Page - Texas Instruments DLPC300ZVB Datasheet HTML 32Page - Texas Instruments DLPC300ZVB Datasheet HTML 33Page - Texas Instruments DLPC300ZVB Datasheet HTML 34Page - Texas Instruments DLPC300ZVB Datasheet HTML 35Page - Texas Instruments DLPC300ZVB Datasheet HTML 36Page - Texas Instruments DLPC300ZVB Datasheet HTML 37Page - Texas Instruments DLPC300ZVB Datasheet HTML 38Page - Texas Instruments DLPC300ZVB Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Signal
Signal
Signal
VSS_
PLL
Signal
Signal
G
J
H
A
14
13
PLL_
REF
CLK_I
Signal
15
Signal
VDD
VDD_
PLL
12
11
VIA to Common Analog
Digital Board Power Plane
VIA to Common Analog
Digital Board Ground Plane
K
ASIC Pad
PCB Pad
Local
Decoupling
for the PLL
Digital Supply
Signal VIA
FB
PLL_
REF
CLK_O
FB
Crystal Circuit
1.0V
PWR
GND
DLPC300
www.ti.com
DLPS023A – JANUARY 2012 – REVISED JULY 2012
Figure 21. PLL Filter Layout
General Handling Guidelines for Unused CMOS-Type Pins
To avoid potentially damaging current caused by floating CMOS input-only pins, it is recommended that unused
controller input pins be tied through a pullup resistor to its associated power supply or through a pulldown to
ground. For controller inputs with internal pullup or pulldown resistors, it is unnecessary to add an external
pullup/pulldown unless specifically recommended. Note that internal pullup and pulldown resistors are weak and
should not be expected to drive the external line. The DLPC300 implements very few internal resistors and these
are noted in the pin list.
Unused output-only pins can be left open.
When possible, it is recommended that unused bidirectional I/O pins be configured to their output state such that
the pin can be left open. If this control is not available and the pins may become an input, then they should be
pulled up (or down) using an appropriate resistor.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com