Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP짰 Digital Controller for the DLP3000 DMD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 17Page - Texas Instruments DLPC300ZVB Datasheet HTML 18Page - Texas Instruments DLPC300ZVB Datasheet HTML 19Page - Texas Instruments DLPC300ZVB Datasheet HTML 20Page - Texas Instruments DLPC300ZVB Datasheet HTML 21Page - Texas Instruments DLPC300ZVB Datasheet HTML 22Page - Texas Instruments DLPC300ZVB Datasheet HTML 23Page - Texas Instruments DLPC300ZVB Datasheet HTML 24Page - Texas Instruments DLPC300ZVB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PD ATA(23 :0) – RG B888 Ma pping
R7
R6
R5
R4
R3
R2
R1
R0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PD ATA(1 5:0 ) – RG B56 5 Mapping to RGB88 8
G7
G6
G5
G4
G3
G2
G1
G0
B7
B6
B5
B4
B3
B2
B1
B0
B4
B3
B2
B1
B0
G5
G4
G3
G2
G1
G0
R4
R3
R2
R1
R0
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PD ATA(17 :0) – RG B666 Ma pping to RG B888
B4
B3
B2
B1
B0
G5
G4
G3
G2
G1
G0
R4
R3
R2
R1
R0
R5
B5
16
17
Bus Assignment Mapping
PDATA(23:0) of t he Input Pixel data bus
Data bit mapping on the DLPC300
Bus Assignment Mapping
PDATA(17:0) of t he Input Pixel data bus
Data bit mapping on the DLPC300
Bus Assignment Mapping
PDATA(15:0) of t he Input Pixel data bus
Data bit mapping on the DLPC300
Parallel Bus Mo de – R GB 4:4:4 Source
PD ATA(23 :0) – Cr/CbY8 8 0 Mapping
Bus Assignment Mapping
PDATA(23:0) of the Input Pixel data bus
Data bit mapping on the pins of the DLPC300
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
n/a
n/a
n/a
n/a
n/a
n/a
n/a
n/a
Cr/
Cb
7
C r/
Cb
6
Cr/
Cb
5
Cr/
Cb
4
C r/
Cb
3
Cr/
Cb
2
Cr/
Cb
1
Cr/
Cb
0
Y
7
Y
6
Y
5
Y
4
Y
3
Y
2
Y
1
Y
0
Parallel Bus Mo de - YCrCb 4:2:2 Source
DLPC300
www.ti.com
DLPS023A – JANUARY 2012 – REVISED JULY 2012
•
16-bit 4:2:2 YCrCb (standard sampling assumed to be Y0Cb0, Y1Cr0, Y2Cb2, Y3Cr2, Y4Cb4, Y5Cr4, …)
The required PDATA(23:0) bus mapping for these 6 data transfer formats are as shown in Figure 11 .
Figure 11. PDATA Bus – Parallel I/F Mode Bit Mapping
The parallel bus interface complies with the standard graphics interface protocol, which includes a vertical sync
signal (VSYNC), horizontal sync signal (HSYNC), optional data-valid signal (DATAEN), a 24-bit data bus
(PDATA), and a pixel clock (PCLK). The polarities of both syncs are programmable, as is the active edge of the
clock. The relationship of these signals is shown in Figure 12. The data-valid signal (DATAEN) is optional, in that
the DLPC300 provides auto-framing parameters that can be programmed to define the data-valid window, based
on pixel and line counting relative to the horizontal and vertical syncs.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com