Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP짰 Digital Controller for the DLP3000 DMD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 29 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 25Page - Texas Instruments DLPC300ZVB Datasheet HTML 26Page - Texas Instruments DLPC300ZVB Datasheet HTML 27Page - Texas Instruments DLPC300ZVB Datasheet HTML 28Page - Texas Instruments DLPC300ZVB Datasheet HTML 29Page - Texas Instruments DLPC300ZVB Datasheet HTML 30Page - Texas Instruments DLPC300ZVB Datasheet HTML 31Page - Texas Instruments DLPC300ZVB Datasheet HTML 32Page - Texas Instruments DLPC300ZVB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
DLPC300
www.ti.com
DLPS023A – JANUARY 2012 – REVISED JULY 2012
Table 17. Mobile DDR Memory Interface Timing Requirements(1)(2)(3)
PARAMETER
MIN
MAX
UNIT
tCYCLE
Cycle-time reference
7500
ps
tCH
CK high pulse duration(4)
2700
ps
tCL
CK low pulse duration(4)
2700
ps
tDQSH
DQS high pulse duration(4)
2700
ps
tDQSL
DQS low pulse duration(4)
2700
ps
tWAC
CK to address and control outputs active
–2870
2870
ps
tQAC
CK to DQS output active
200
ps
tDAC
DQS to DQ and DM output active
–1225
1225
ps
tDQSRS
Input (read) DQS and DQ skew(5)
1000
ps
(1)
This includes the 200 ppm of the external oscillator (but no jitter).
(2)
Output setup/hold numbers already account for controller clock jitter. Only routing skew and memory setup/hold must be considered in
system timing analysis.
(3)
Assumes a 30-
Ω series termination on all signal lines
(4)
CK and DQS pulse duration specs for the DLPC300 assume it is interfacing to a 166-MHz mDDR device. Even though these memories
are only operated at 133.33 MHz, according to memory vendors, the rated tCK spec (i.e., 6 ns) can be applied to determine minimum CK
and DQS pulse duration requirements to the memory.
(5)
Note that DQS must be within the tDQSRS read data-skew window but need not be centered.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com