Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP짰 Digital Controller for the DLP3000 DMD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 3 Page - Texas Instruments

  DLPC300ZVB Datasheet HTML 1Page - Texas Instruments DLPC300ZVB Datasheet HTML 2Page - Texas Instruments DLPC300ZVB Datasheet HTML 3Page - Texas Instruments DLPC300ZVB Datasheet HTML 4Page - Texas Instruments DLPC300ZVB Datasheet HTML 5Page - Texas Instruments DLPC300ZVB Datasheet HTML 6Page - Texas Instruments DLPC300ZVB Datasheet HTML 7Page - Texas Instruments DLPC300ZVB Datasheet HTML 8Page - Texas Instruments DLPC300ZVB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
24
15
mDDR I/F
– Memory Management
– DMD I/F Processing
– Horiz and Vert Flip
– Display Rotation
DMD FORMATTING
– Spatial-Temporal
Multiplexing
ARTIFACT MIGRATION
– Degamma
– Automatic Gain Control
– Image Scaling
IMAGE ENHANCEMENT
– Chroma Interpolation
– Color Space Conversion
– Gamma Correction
FORMAT CONVERSION
RGB Data
RGB Control
Flash I/F
I C Bus
2
DMD DDR Data
DMD DDR Control
DMD Reset Control
Reference Clock
RESET
PARK
CONFIGURATION CONTROL
SYSTEM CLOCK AND RESET SUPPORT
DLPC300
www.ti.com
DLPS023A – JANUARY 2012 – REVISED JULY 2012
Figure 2 is the DLPC300 functional block diagram. As part of the pixel processing functions, the DLPC300 offers
format conversion functions: chroma interpolation for 4:2:2 and 4:4:4, color-space conversion, and gamma
correction. The DLPC300 also offers several image-enhancement functions: programmable degamma, automatic
gain control, and image resizing. Additionally, the DLPC300 offers an artifact migration function through spatial-
temporal multiplexing (dithering). Finally, the DLPC300 offers the necessary functions to format the input data to
the DMD. The pixel processing functions allow the DLPC300 and DLP3000 to support a wide variety of
resolutions including NTSC, PAL, QVGA, QWVGA, VGA, and WVGA. The pixel processing functions can be
optionally bypassed with the native 608 × 684 pixel resolution.
When accurate pattern display is needed, the native 608x684 input resolution pattern has a one-to-one
association with the corresponding micromirror on the DLP3000. The DLPC300 enables high-speed display of
these patterns: up to 1440 Hz for binary (1-Bit) patterns and up to 120 Hz for 8-Bit patterns. This functionality is
well-suited for techniques such as structured light, rapid manufacturing, or digital exposure.
Figure 2. DLPC300 Functional Block Diagram
Commands can be input to the DLPC300 over an I2C interface.
The DLPC300 takes as input 16-, 18- or 24-bit RGB data at up to 60-Hz frame rate. This frame rate is composed
of three colors (red, green, and blue) with each color equally divided in the 60-Hz frame rate. Thus, each color
has a 5.55 ms time slot allocated. Because each color has 5-, 6-, or 8-bit depth, each color time slot is further
divided into bit-planes. A bit-plane is the 2-Dimensional arrangement of one-bit extracted from all the pixels in the
full color 2D image. See Figure 3.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com