Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP짰 Digital Controller for the DLP3000 DMD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 34 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 30Page - Texas Instruments DLPC300ZVB Datasheet HTML 31Page - Texas Instruments DLPC300ZVB Datasheet HTML 32Page - Texas Instruments DLPC300ZVB Datasheet HTML 33Page - Texas Instruments DLPC300ZVB Datasheet HTML 34Page - Texas Instruments DLPC300ZVB Datasheet HTML 35Page - Texas Instruments DLPC300ZVB Datasheet HTML 36Page - Texas Instruments DLPC300ZVB Datasheet HTML 37Page - Texas Instruments DLPC300ZVB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
DLPC300
DLPS023A – JANUARY 2012 – REVISED JULY 2012
www.ti.com
Table 19. Crystal Port Electrical Characteristics
PARAMETER
NOM
UNIT
PLL_REFCLK_I TO GND capacitance
4.5
pF
PLL_REFCLK_O TO GND capacitance
4.5
pF
Table 20. Recommended Crystal Configuration
PARAMETER
RECOMMENDED
UNIT
Crystal circuit configuration
Parallel resonant
Crystal type
Fundamental (first harmonic)
Crystal nominal frequency
16.667
MHz
Crystal frequency tolerance (including accuracy, temperature, aging and trim
±200
PPM
sensitivity)
Crystal drive level
100 max
uW
Crystal equivalent series resistance (ESR)
80 max
Ω
Crystal load
12
pF
RS drive resistor (nominal)
100
Ω
RFB feedback resistor (nominal)
1
M
Ω
CL1 external crystal load capacitor
See Figure 20
pF
CL2 external crystal load capacitor
See Figure 20
pF
PCB layout
A ground isolation ring around the crystal is
recommended
If an external oscillator is used, then the oscillator output must drive the PLL_REFCLK_I pin on the DLPC300
controller, and the PLL_REFCLK_O pins should be left unconnected. The benefit of an oscillator is that it can be
made to provide a spread-spectrum clock that reduces EMI. Note, however, that the DLPC300 can only accept
between 0% to –2% spreading (i.e., down spreading only) with a modulation frequency between 20kHz and 65
KHz and a triangular waveform.
Similar to the crystal option, the oscillator input frequency is limited to the 16.667 MHz.
It is assumed that the external crystal or oscillator stabilizes within 50 ms after stable power is applied.
PLL
The DLPC300 contains one internal PLL that has a dedicated analog supply (VDD_PLL , VSS_PLL). As a
minimum, the VDD_PLL power and VSS_PLL ground pins should be isolated using an RC-filter consisting of two
50-
Ω series ferrites and two shunt capacitors (to widen the spectrum of noise absorption). It is recommended that
one capacitor be a 0.1-µf capacitor and the other be a 0.01-µf capacitor. All four components should be placed
as close to the controller as possible, but it is especially important to keep the leads of the high-frequency
capacitors as short as possible. Note that both capacitors should be connected across VDD_PLL and VSS_PLL
on the controller side of the ferrites.
The PCB layout is critical to PLL performance. It is vital that the quiet ground and power are treated like analog
signals. Therefore, VDD_PLL must be a single trace from the DLPC300 to both capacitors and then through the
series ferrites to the power source. The power and ground traces should be as short as possible, parallel to each
other and as close as possible to each other.
34
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com