Electronic Components Datasheet Search
  English  ▼

X  

DLPC300ZVB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC300ZVB
Description  DLP짰 Digital Controller for the DLP3000 DMD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC300ZVB Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC300ZVB Datasheet HTML 9Page - Texas Instruments DLPC300ZVB Datasheet HTML 10Page - Texas Instruments DLPC300ZVB Datasheet HTML 11Page - Texas Instruments DLPC300ZVB Datasheet HTML 12Page - Texas Instruments DLPC300ZVB Datasheet HTML 13Page - Texas Instruments DLPC300ZVB Datasheet HTML 14Page - Texas Instruments DLPC300ZVB Datasheet HTML 15Page - Texas Instruments DLPC300ZVB Datasheet HTML 16Page - Texas Instruments DLPC300ZVB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
DLPC300
www.ti.com
DLPS023A – JANUARY 2012 – REVISED JULY 2012
Table 3. Functional Pin Descriptions (continued)
TERMINAL
I/O
I/O
CLK
DESCRIPTION
POWER
TYPE
SYSTEM
NAME
NO.
BPWM
R8
VCC18
O14
Async
Blue LED PWM signal used to control the LED current(6).
LED enable SELECT. Controlled by DMD sequence
timing.
LED_SEL(1:0)
Selected LED
LED_SEL_0
R6
00
None
VCC18
O14
Async
01
Red
10
Green
11
Blue
LED_SEL_1
N6
A decode circuit is required to decode the selected LED
enable.
LED driver master enable. Active-high output control to
external LED driver logic. This signal is driven high 100
LEDDRV_ON
P7
VCC18
O14
Async
ms after LED_ENABLE is driven high. Driven low
immediately when either LED_ENABLE or PARK is driven
low.
LED enable (active-high input). A logic low on this signal
forces LEDDRV_ON low and LED_SEL(1:0) = 00b. These
LED_ENABLE
A11
VCC_ INTF
I3
Async
signals are enabled 100 ms after LED_ENABLE
transitions from low to high.
RED_EN
When not used with an optional FPGA, this signal should
be connected to the RED LED enable circuit. When
RED_EN is high, the red LED is enabled. When RED_EN
is low, the red LED is disabled. When used with the
optional FPGA, this signal should be pulled down to
B5
ground through an external resistor. This signal is
configured as output and driven low when the DLPR300
serial FLASH PROM is loaded by the DLPC300, but the
signal is not enabled. To enable this output, a write to I2C
LED Enable and Buffer Control register.
GREEN_EN
When not used with an optional FPGA, this signal should
be connected to the green LED enable circuit. When
GREEN_EN is high, the green LED is enabled. When
GREEN_EN is low, the green LED is disabled. When
used with the optional FPGA, this signal should be pulled
A7
VCC18
B18
Async
down to ground through an external resistor. This signal is
configured as output and driven low when the DLPR300
serial FLASH PROM is loaded by the DLPC300, but the
signal is not enabled. To enable this output, a write to I2C
LED Enable and Buffer Control register.
BLUE_EN
When not used with an optional FPGA, this signal should
be connected to the blue LED enable circuit. When
BLUE_EN is high, the blue LED is enabled. When
BLUE_EN is low, the blue LED is disabled. When used
with the optional FPGA, this signal should be pulled down
C8
to ground through an external resistor. This signal is
configured as output and driven low when the DLPR300
serial FLASH PROM is loaded by the DLPC300, but the
signal is not enabled. To enable this output, a write to I2C
LED Enable and Buffer Control register.
WHITE POINT CORRECTION LIGHT SENSOR I/F
Successive approximation ADC comparator output
(DLPC300 input). Assumes a successive approximation
ADC is implemented with a light sensor and/or
CMP_OUT
A6
VCC18
I1
Async
thermocouple feeding one input of an external comparator
and the other side of the comparator driven from the
DLPC300 CMP_PWM pin. If not used, this signal should
be pulled down to ground .
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DLPC300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com