| Electronic Components Datasheet Search |
|
SLWS131 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SLWS131 Datasheet(HTML) 6 Page - Texas Instruments |
|
6 / 37 page ![]() GRAYCHIP, INC. - 4 - JUNE 22, 1998 GC3021 MIXER AND CARRIER REMOVAL CHIP DATA SHEET This document contains information which may be changed at any time without notice following clock edge. The enables are designed to be used with the data valid strobes from the GC3011 digital resampler and GC2011 digital filter chips. 2.4 INPUT FORMAT The input format circuit accepts complex data at the clock rate of the chip, or real data at twice the clock rate of the chip. The input format circuit outputs pairs of samples to the mixer circuit where the pair is either a complex data pair, or an even and odd time sample pair. A block diagram of the input circuit is shown in Figure 2. Figure 2. INPUT FORMAT CIRCUIT The data, clock and sync operate at a rate which is twice the chip’s clock rate in the high speed mode. The differential receivers convert the PECL signals to CMOS voltage swings. The data splitter divides the high speed data stream into two streams at half the high speed rate. One stream contains the odd time samples and the other contains the even time samples. The high speed sync synchronizes the data splitter by identifying a sample which should show up in the even data stream. The data splitter circuit divides the high speed clock in half and outputs it as HCKO. The HCKO clock should be buffered and used as the clock input to the chip (See Section 2.3). The HSO sync is the high speed sync reclocked by HCKO. The HSO sync is used within the chip as one of the synchronization sources for the internal circuitry, or can be routed HCK HCK HSI HSI HS DATA (12 bits) External Clock Driver TO CHIP CLOCK HCKO DATA SPLITTER DATA MUX Diagnostic Ramp Data To Mixer To Internal + - + - + - COMPLEX DATA I Q Even Odd Mode Select Receiver Enable and Termination Enable XI XQ 12 Bits 12 Bits 12 Bits 12 Bits 12 Bits 12 Bits VTERM clock sync data sync out clock out Sync Generator and Counter HSO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |