Electronic Components Datasheet Search
  English  ▼

X  

SLWS131 Datasheet(PDF) 15 Page - Texas Instruments

Part # SLWS131
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLWS131 Datasheet(HTML) 15 Page - Texas Instruments

Back Button SLWS131 Datasheet HTML 11Page - Texas Instruments SLWS131 Datasheet HTML 12Page - Texas Instruments SLWS131 Datasheet HTML 13Page - Texas Instruments SLWS131 Datasheet HTML 14Page - Texas Instruments SLWS131 Datasheet HTML 15Page - Texas Instruments SLWS131 Datasheet HTML 16Page - Texas Instruments SLWS131 Datasheet HTML 17Page - Texas Instruments SLWS131 Datasheet HTML 18Page - Texas Instruments SLWS131 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
GRAYCHIP, INC.
- 13 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
3.1
PIN DESCRIPTIONS
SIGNAL
DESCRIPTION
I[0:11]
IN-PHASE INPUT DATA.
Active high
The 12 bit two’s complement input samples for the I half of the
complex input. New samples are clocked into the chip on the rising
edge of the clock. In the high speed mode this is the positive rail
of the differential PECL inputs.
Q[0:11]
QUADRATURE INPUT DATA.
Active high
The 12 bit two’s complement input samples for the Q-half of the
complex input. New samples are clocked into the chip on the rising
edge of the clock. In the high speed mode this is the negative rail
of the differential PECL inputs
CIN
NCO CARRY INPUT.
Active high
The carry input to the phase accumulator in the NCO. The CIN
input can be used to increase the tuning resolution of the NCO.
This signal is clocked into the chip on the rising edge of the clock.
The CIN input is cleared by the chip during diagnostics.
EIN
PHASE ERROR INPUT.
Active high
This input can be used as the error input into the PLL circuit. This
signal is clocked into the chip on the rising edge of the clock.
SA,SB
SYNC INPUTS.
Active low
The sync inputs to the chip. All timers, accumulators, and control
counters are, or can be, synchronized to these syncs. The syncs
are clocked into the chip on the rising edge of the clock.
SN
SNAPSHOT SYNC.
Active low
The snapshot sync is provided to synchronously start the data
snapshot. This signal is clocked into the chip on the rising edge of
the clock.
CK
CLOCK INPUT.
Active high
The clock input to the chip. The I, Q, SA, SB, SN, CKENA,
CKENB, EIN and CIN signals are clocked into the chip on the
rising edge of this clock. The YA, YB, YC, YD, EOUT and SO
signals are clocked out on the rising edge of this clock.
CKENA, CKENB
CLOCK ENABLE INPUTS.
Active low
The clock enable inputs to the chip. These signals are gated with
CK to generate the chip’s internal clock. CKENA and CKENB are
clocked into the chip on the rising edge of CK and will enable or
disable the following clock edge. A low level on both CKENA and
CKENB enables the clock edge.
YA[0:11]
YA OUTPUT DATA.
Active high
YB[0:11]
YB OUTPUT DATA.
Active high
YC[0:11]
YC OUTPUT DATA.
Active high
YD[0:11]
YD OUTPUT DATA.
Active high
These pins output the complex mixer or symbol outputs. The bits
are clocked out on the rising edge of the clock.
AOE,BOE,COE,DOE
OUTPUT ENABLES.
Active low
The YA, YB, YC and YD output pins are put into a high impedance
state when these pins are high. AOE controls the YA output pins.
BOE controls the YB output pins. COE controls the YC output
pins. DOE controls the YD output pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com