Electronic Components Datasheet Search
  English  ▼

X  

SLWS131 Datasheet(PDF) 12 Page - Texas Instruments

Part # SLWS131
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLWS131 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SLWS131 Datasheet HTML 8Page - Texas Instruments SLWS131 Datasheet HTML 9Page - Texas Instruments SLWS131 Datasheet HTML 10Page - Texas Instruments SLWS131 Datasheet HTML 11Page - Texas Instruments SLWS131 Datasheet HTML 12Page - Texas Instruments SLWS131 Datasheet HTML 13Page - Texas Instruments SLWS131 Datasheet HTML 14Page - Texas Instruments SLWS131 Datasheet HTML 15Page - Texas Instruments SLWS131 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
GRAYCHIP, INC.
- 10 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
The dither circuit adds a random value to the upper 17 bits of the accumulator output. The random
number sequence is initialized to zero by the dither sync input. The dithering can be turned off by forcing
the sync to be active. The BSIN output is negated if the high speed mode is not enabled.
2.10
SNAPSHOT RAM
The snapshot RAM is used to store blocks of 64 mixer and NCO outputs. The mixer outputs are the
SI and SQ outputs shown in Figure 5. The NCO samples are the ACOS and ASIN values shown in Figure
5. The NCO samples are delayed to match the pipeline delay from the XI and XQ inputs to the SI and SQ
outputs. The snapshot can be programmed to store every sample, every other sample, every third sample,
or every fourth sample. The rate control is primarily used when capturing samples of offset-QPSK data
which is processed by the chip at twice the baud rate. Only every other sample of the offset-QPSK sample
is of interest.
The snapshot can be triggered by the input syncs, the delayed input syncs, the sync counter’s
terminal count or the snap sync input. Once triggered, the snapshot start time can be delayed by up to 256
sample clocks, where the sample clock rate is dependant upon the snapshot rate control.
The snapshot RAM is a read only memory which is read using addresses 256 through 511 of the
control interface. Addresses 256 through 319 read SI, addresses 320 through 383 read SQ, addresses 384
through 447 read ASIN, and addresses 448 through 511 read ACOS. The 12 bit values are sign extended
to 16 bits in the control interface.
2.11
OUTPUT FORMAT
The chip has four 12 bit output ports labeled YA, YB, YC, and YD. Each port can be individually
configured to output mixer results (Ieven, Qeven, Iodd, Qodd), or symbol and NCO samples. The symbol and
NCO samples are the snapshot RAM inputs (SI, SQ, sine, cosine). The output selection is shown in Table
1 below:
The YA, YB, YC and YD outputs can be rounded to 12, 10 or 8 bits and can be masked to a desired
number of bits through the use of four 12 bit mask words. The masks are bitwise ANDed with the output
words to selectively clear the output bits.
Output enable controls are provided to individually turn off these outputs.
Table 1: OUTPUT SELECTION
OUTPUT
PORT
OUTPUT SELECT
01
YA
Ieven
SI
YB
Qeven
SQ
YC
Iodd
cosine
YD
Qodd
sine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com