Electronic Components Datasheet Search
  English  ▼

X  

SLWS131 Datasheet(PDF) 7 Page - Texas Instruments

Part # SLWS131
Description  MIXER AND CARRIER REMOVAL CHIP
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLWS131 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SLWS131 Datasheet HTML 3Page - Texas Instruments SLWS131 Datasheet HTML 4Page - Texas Instruments SLWS131 Datasheet HTML 5Page - Texas Instruments SLWS131 Datasheet HTML 6Page - Texas Instruments SLWS131 Datasheet HTML 7Page - Texas Instruments SLWS131 Datasheet HTML 8Page - Texas Instruments SLWS131 Datasheet HTML 9Page - Texas Instruments SLWS131 Datasheet HTML 10Page - Texas Instruments SLWS131 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
GRAYCHIP, INC.
- 5 -
JUNE 22, 1998
GC3021 MIXER AND CARRIER REMOVAL CHIP
DATA SHEET
This document contains information which may be changed at any time without notice
out of the chip on the SO pin (See Section 4.2). The timing relationships between the data, HCK, HSI and
HSO are shown in Figure 3.
Figure 3. SYNC TIMING
The differential data inputs share pins with the I/Q complex data inputs. The I input pins are used
as the positive differential inputs and the Q pins are used as the negative differential inputs. Termination
resistors (70 Ohms) are provided on the chip which are connected between each input signal and the
VTERM termination voltage as shown in Figure 4.
Figure 4. DIFFERENTIAL INPUT
The positive and negative termination resistors can be independently turned off to allow the use of
external termination resistors. The differential voltage swing can be centered anywhere from VCC minus
3.5 volts to VCC minus 1 volt. The peak to peak differential swing can be as little as 0.5 volts. This is
intended to be compatible with PECL signal sources (ECL chips which have been connected between 5
volts and ground rather than from ground to minus 5 volts). The termination voltage for PECL logic should
be VCC minus 2 volts.
If single ended operation is desired, then the negative termination resistors should be turned off and
the unused pins forced to the middle voltage of the differential swing. The clock has independent termination
controls so that it can be differential while the data and sync are single ended. The VTERM voltage should
I/Q IN
XI OUT
XQ OUT
HCK
HSI
HCKO
HSO
x0
x1
x2
x3
x4
x0
x1
x2
x3
VTERM
NTERM_ON
PTERM_ON
POS_IN
NEG_IN
+
-
RCVR
ENABLE
OUT
70 Ohms
70 Ohms
NOTE:
Care must be taken to insure that the VTERM voltage is always
between VCC and ground, even during power up. The VTERM pins on the chip
may be destroyed if the VTERM voltage exceeds these limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com