Electronic Components Datasheet Search
  English  ▼

X  

SW50-2G Datasheet(PDF) 113 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G Datasheet(HTML) 113 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 108Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 109Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 110Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 111Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 112Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 113Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 114Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 115Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 116Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 113 / 116 page
background image
113
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Thermalcote
TM
Thermalcote™ II was developed as the sensible alternative
to silicone-based thermal greases. Thermalcote
TM II employs
a highly conductive synthetic base fluid that enables the
finished product to exhibit the same thermal characteris-
tics as the silicone-based products.
Thermalcote™ II contains no silicone. The high lubricity of
the base oil permits efficient application to both semicon-
ductor case or heat sink, and it will effectively fill the micro-
scopic air gaps on the metal-to-metal mating surfaces. It is
non-toxic, extremely stable, and neither cakes or runs from
-40° to 200°C (-40°F to 392°F).
ORDERING INFORMATION
Grease & Epoxy
Thermalcote
TM is a superior thermal joint compound of ther-
mally loaded silicone based grease for use with all heat sinks.
It improves the transfer of thermal energy across the metal
to metal interfaces between the transistor or rectifier case
and the heat sink. Thermalcote
TM conducts heat approximately
15 times better than air and more than 4 times better than
unloaded silicone grease. It is non-toxic, extremely stable,
and neither cakes or runs from -40° to 204°C (-40°F to 399°F).
Color
Opaque white
Operating
-40°C to 204°C (-40°F to 399°F)
temperature range
Thermal conductivity
0.765W/(m °C )(.226 Btu/hr ft °F)
Dielectric strength
11.8 x 103 volts/mm (300 volts/mil)
1.27 mm gap (0.050" gap)
Cleaning solvent
Mineral spirits or turpentine
Specific gravity
1.6
Evaporation
24 hours@200°C (392°F), wt%
1
Shelf life
Indefinite (unopened)*
Thermalcote
TM ll
Part number
Net weight
349G
28 grams (1 oz) tube
350G
57 grams (2 oz) jar
351G
0.45 kg (1 lb) can
ORDERING INFORMATION
Part number
Net weight
249G
28 grams (1 oz) tube
250G
57 grams (2 oz) tube
251G
0.45 kg (1 lb) can
252G
2.27kg (5 lb) can
253G
4.54 kg(10 lb) can
Color
Blue
Operating
-40°C to 200°C (-40°F to 392°F)
temperature range
Thermal conductivity
0.699W/(M °C) (0.204 Btu/hr ft °F)
Dielectric strength
7.9 x 103volts/mm (200volts/mil)
1.27 mm gap (0.050" gap)
Cleaning solvent
Mineral spirits or turpentine
Specific gravity
2.93@60°F (15.6°C)
Evaporation,
24 hours@200°C (392°F), wt%
0.6 max
Shelf life
Indefinite (unopened)*
PRODUCT INFORMATION
PRODUCT INFORMATION
* It is recommended that the containers be turned over
every 6 months to minimize settling for ease of mixing
* It is recommended that the containers be turned over
every 6 months to minimize settling for ease of mixing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com