Electronic Components Datasheet Search
  English  ▼

X  

SW50-2G Datasheet(PDF) 115 Page - Aavid, Thermal Division of Boyd Corporation

Part # SW50-2G
Description  Channel style heat sink with folded back fins
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAVID [Aavid, Thermal Division of Boyd Corporation]
Direct Link  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

SW50-2G Datasheet(HTML) 115 Page - Aavid, Thermal Division of Boyd Corporation

Back Button SW50-2G Datasheet HTML 108Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 109Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 110Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 111Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 112Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 113Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 114Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 115Page - Aavid, Thermal Division of Boyd Corporation SW50-2G Datasheet HTML 116Page - Aavid, Thermal Division of Boyd Corporation  
Zoom Inzoom in Zoom Outzoom out
 115 / 116 page
background image
115
EUROPE
ASIA
Italy Tel: +39 051 764011 email: sales.it@aavid.com
United Kingdom Tel: +44 1793 401400 email: sales.uk@aavid.com
Singapore Tel: +65 6362 8388 email: sales@aavid.com.sg
Taiwan Tel: +886 (2) 2698-9888 email: sales@aavid.com.tw
AMERICA
USA Tel: +1 (603) 224-9988 email: info@aavid.com
www.aavidthermalloy.com
Grease & Epoxy
Thermalbond™ is a thermally conductive, high strength epoxy
adhesive. It provides exceptional adhesion to copper, aluminum,
steel, glass, ceramics, and most plastics. Thermalbond
TM also has a
coefficient of thermal expansion compatible with aluminum, copper,
and brass, making it particularly well suited for thermally bonding
semiconductors and other components to chassis or heat sinks.
Thermalbond™
Color
Green
Specific gravity
2.35
Working viscosity
25,000 cps
Thermal conductivity
1.34W/(m °C) (0.77 Btu/hr •ft• °F)
Thermal resistivity
29.4°C in/watt
Tensile strength
6.34 x 107 Pa (9,2000 psi)
Compressive strength
1.44 x 108 Pa (20,9000 psi)
Bond shear strength
3.17 x 107 Pa (4,6000 psi)
aluminum to aluminum, 25.4mm (1") overlap @ 25°C, (77°F)
Thermal coefficient of expansion
24 x 10-6/°C (1.32 x 10-6/°F)
Water absorption, % after 10 days@ 25°C (77°F)
0.20
Hardness, Shore D
86
Volume resistivity
1.0 x 1016
Dielectric strength
59.1 x 103 volts/mm (1500 volts/mil)
Dielectric constant@25°C (77°F) 100KHz
6.1
Dielectric factor@25°C (77°F) 100KHz
0.020
Operating temperatures
-65°C to 155°C (-85°F to 311°F)
Linear shrinkage
0.002 in/in
Shelf life
12 months*
Pot life@25°C (77°F)
2-3 hours
Suggested stripping agent
Miller-Stephenson MS 111
Cleaning solvent
Acetone
HANDLING CHARACTERISTICS
Mix resin thoroughly before removing material.
Add 7.1 parts of RT-7 hardener to 100 parts of resin
by weight, or 17 parts of RT-7 hardener to 100 parts
of resin by volume. Adhesive will set up in:
24 hrs at 25°C (77°F)
1 hr. at 100°C (212°F)
2 hrs. at 65°C (149°F)
30min. at 130°C (266°F)
Note: For maximum electrical and physical properties, a post cure is neccessary.
Post cure at room temperature for 4 days or for 4 hours at 93°C (200°F).
Typical electrical and physical properties at room temperature with RT-7 hardener
MIXING INSTRUCTIONS
ORDERING INFORMATION
Part number
Net weight
4949G
0.8 oz (25 gram kit)
4950G
1.7 oz (50 gram kit)
4951G
3.5 oz (100 gram kit)
4952G
7.0 oz (200 gram kit)
4953G
4 lbs (1814 grams)
* Stated shelf life is from date of manufacture. To allow for inventory cycle, product shipped from Aavid will
have less than 12 months remaining shelf life. Aavid guarantees a minimum of 3 months remaining shelf life.
Please adjust order quantity so all product will be consumed within 3 months of date of shipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com